Electronic Components Datasheet Search
  English  ▼

X  

CXA3003R Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 4 Page - Sony Corporation

  CXA3003R Datasheet HTML 1Page - Sony Corporation CXA3003R Datasheet HTML 2Page - Sony Corporation CXA3003R Datasheet HTML 3Page - Sony Corporation CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
—4—
CXA3003R
Pin
No.
11
12
13
14
15
16
17
Symbol
TXIFB
TXIF
GND TXIF
VDD TXIF
FM MOD
TVCO T1
TVCO T2
Typical
Voltage (V)
DC
AC
2.1 V
2.1 V
0 V
3.3 V
1.5 V
Equivalent circuit
VDD TXIF
GND TXIF
12
11
400
200
400
200
VDD TXF
GND TXF
15
150
16
17
VDD TXIF
GND TXIF
1k
1k
Description
Analog differential transmit IF
output pins.
Negative power supply pin for
TXIF block.
Positive power supply pin for
TXIF block.
Analog baseband signal output
pin for FM.
Transmit VCO tuning pins.
Connected to an external LC
tank circuit for setting the
transmit VCO frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com