Electronic Components Datasheet Search
  English  ▼

X  

ISL26322FVZ Datasheet(PDF) 39 Page - Intersil Corporation

Part # ISL26322FVZ
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26322FVZ Datasheet(HTML) 39 Page - Intersil Corporation

Back Button ISL26322FVZ Datasheet HTML 35Page - Intersil Corporation ISL26322FVZ Datasheet HTML 36Page - Intersil Corporation ISL26322FVZ Datasheet HTML 37Page - Intersil Corporation ISL26322FVZ Datasheet HTML 38Page - Intersil Corporation ISL26322FVZ Datasheet HTML 39Page - Intersil Corporation ISL26322FVZ Datasheet HTML 40Page - Intersil Corporation ISL26322FVZ Datasheet HTML 41Page - Intersil Corporation ISL26322FVZ Datasheet HTML 42Page - Intersil Corporation ISL26322FVZ Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
39
Key Features
Key Features
IIN vs VIN, Over-Temperature
Temperature Drift (Coefficient)
Low Power Consumption
Long Term Drift
Ultra Precision: ISL21090
Low Cost: ISL21010
Ultra Low Noise,
Precision Voltage
Reference
Micropower Voltage
Reference
• 2.5V Reference Output Voltage Option
• Initial Accuracy: ±0.02%
• Output Voltage Noise: 1μVP-P Typ
(0.1Hz to 10Hz) (1.25V Option)
• Supply Current: 930μA (Typ)
• Tempco: 7ppm/°C Max
• Output Current Capability: 20mA
• Line Regulation: 8ppm/V
• Load Regulation: 2.5ppm/mA
• Operating Temperature Range: -40°C to
+125°C
• Reference Output Voltages: 1.024V, 1.25V, 1.5V,
2.048V, 2.5V, 3.0V, 3.3V, 4.096V
• Precision 0.2% Initial Accuracy
• Input Voltage Range:
- ISL21010-10, -12, -15: 2.2V to 5.5V
The ISL21090 is an ultra low noise, high DC accuracy
precision voltage reference with wide input voltage
range from 3.7V to 36V. The ISL21090 uses the new
Intersil Advanced Bipolar technology to achieve sub
1μVP-P (0.1Hz to 10Hz) noise with an initial voltage
accuracy of 0.02%. The ISL21090 offers a 1.25V and
2.5V output voltage option with 7ppm/°C temperature
coefficient and also provides excellent line and
load regulation. The device is offered in an 8 Ld
SOIC package. The ISL21090 is ideal for high-end
instrumentation, data acquisition and processing
applications requiring high DC precision where low
noise performance is critical.
The ISL21010 is a precision, low dropout micropower
bandgap voltage reference in a space-saving SOT-23
package. It operates from a single 2.2V to 5.5V supply
(minimum voltage is dependent on voltage option)
and provides a ±0.2% accurate reference.
20
25
30
35
40
45
50
55
60
65
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+25°C
-40°C
+125°C
TIME (Hrs)
40
30
20
10
0
0
200
400
600
800
1000
-10
-20
-30
ISL21090 Long Term Drift Data (1000 Hrs)
ISL21090 Typical Temperature Coefficient
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105 125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com