Electronic Components Datasheet Search
  English  ▼

X  

ISL26322FVZ Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL26322FVZ
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26322FVZ Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL26322FVZ Datasheet HTML 17Page - Intersil Corporation ISL26322FVZ Datasheet HTML 18Page - Intersil Corporation ISL26322FVZ Datasheet HTML 19Page - Intersil Corporation ISL26322FVZ Datasheet HTML 20Page - Intersil Corporation ISL26322FVZ Datasheet HTML 21Page - Intersil Corporation ISL26322FVZ Datasheet HTML 22Page - Intersil Corporation ISL26322FVZ Datasheet HTML 23Page - Intersil Corporation ISL26322FVZ Datasheet HTML 24Page - Intersil Corporation ISL26322FVZ Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
21
Intersil DCP Quick Reference
Volatile (No EEPROM Memory)
Non-Volatile (EEPROM Memory)
Special Function DCPs
Single 16-Tap (4-Bits)
ISL23512 - 10kΩ, Push Button
Single 32-Tap (5-Bits)
X9015 - 10kΩ / 50kΩ / 100kΩ, Up-Down
ISL23511 - 10kΩ / 50kΩ, Push Button
ISL90460 - 10kΩ / 50kΩ / 100kΩ, Up-Down, Rheostat
ISL90461 - 10kΩ / 50kΩ / 100kΩ, Up-Down, 2-Terminal
ISL90462 - 10kΩ / 50kΩ / 100kΩ, Up-Down, 2-Terminal
Single 128-Tap (7-Bits)
ISL90726 - 10kΩ / 50kΩ, I2C, 2-Terminal
ISL90727/28 - 10kΩ / 50kΩ, I2C, 2-Terminal
ISL23318 - 10kΩ / 50kΩ / 100kΩ, I2C,Low Voltage
ISL23418 - 10kΩ / 50kΩ / 100kΩ, SPI,Low Voltage
ISL23711 - 10kΩ / 50kΩ, I2C
ISL23710 - 10kΩ / 50kΩ, Up-Down
Single 256-Tap (8-Bits)
ISL90810 - 10kΩ / 50kΩ, I2C
ISL23315 - 10kΩ / 50kΩ / 100kΩ, I2C, Low Voltage
ISL23415 - 10kΩ / 50kΩ / 100kΩ, SPI, Low Voltage
NEW
NEW
D
D
Quad 128-Tap (7-Bits)
ISL23348 - 10kΩ / 50kΩ / 100kΩ, I2C,
Low Voltage
ISL23448 - 10kΩ / 50kΩ / 100kΩ,
SPI, Low Voltage
Quad 256-Tap (8-Bits)
ISL23345 - 10kΩ / 50kΩ / 100kΩ,
I2C,Low Voltage
ISL23445 - 10kΩ / 50kΩ / 100kΩ,
SPI, Low Voltage
ISL90840 - 10kΩ / 50kΩ, I2C
ISL90841 - 10kΩ / 50kΩ, I2C, 2-Terminal
ISL90842 - 10kΩ / 50kΩ, I2C, 2-Terminal
NEW
NEW
Dual 32-Tap (5-Bits)
X9460 - 32kΩ, Log Taper, 2-Wire
ISL22102 - 32kΩ, Log Taper, Audio Detect,
Push Button
Dual 128-Tap (7-Bits)
ISL23328 - 10kΩ / 50kΩ / 100kΩ,
I2C, Low Voltage
ISL23428 - 10kΩ / 50kΩ / 100kΩ,
SPI, Low Voltage
Dual 256-Tap (8-Bits)
ISL23325 - 10kΩ / 50kΩ / 100kΩ,
I2C, Low Voltage
ISL23425 - 10kΩ / 50kΩ / 100kΩ,
SPI, Low Voltage
D
NEW
NEW
Single 16-Tap (4-Bits)
X9116 - 10kΩ, Up-Down
ISL22512 - 10kΩ, Push Button
Single 32-Tap (5-Bits)
X9313 - 1kΩ / 10kΩ / 50kΩ, Up-Down
X9314 - 10kΩ, Log Taper, Up-Down
X9315 - 10kΩ / 50kΩ / 100kΩ, Up-Down
X93154 - 50kΩ, Up-Down, 2-Terminal
X93155 - 50kΩ, Up-Down, 2-Terminal
X93156 - 12.5kΩ / 50kΩ, Up-Down
X9511 - 10kΩ, Push Button
ISL22511 - 10kΩ / 50kΩ, Push Button
Single 64-Tap (6-Bits)
X9429 - 2.5kΩ / 10kΩ, 2-Wire
Single 100-Tap (~6.65-Bits)
X9317 - 1kΩ / 10kΩ / 50kΩ / 100kΩ, Up-Down
X9318 - 10kΩ, Up-Down
X9319 - 10kΩ / 50kΩ / 100kΩ, Up-Down
X9C102 - 1kΩ, Up-Down
X9C103 - 10kΩ, Up-Down
X9C104 - 100kΩ, Up-Down
X9C503 - 50kΩ, Up-Down
X9C303 - 32kΩ, Log Taper, Up-Down
Single 128-Tap (7-Bits)
ISL22316 - 10kΩ / 50kΩ, I2C
ISL22317 - 10kΩ / 50kΩ / 100kΩ, 1% Tolerance, I2C
ISL22319 - 10kΩ / 50kΩ, I2C, Wiper Only
ISL95311 - 10kΩ / 50kΩ, I2C
ISL95711 - 10kΩ / 50kΩ, I2C
ISL96017 - 10kΩ / 50kΩ, I2C (16kbits extra EEPROM)
ISL22416 - 10kΩ / 50kΩ, SPI
ISL22419 - 10kΩ / 50kΩ, SPI, Wiper Only
ISL95310 - 10kΩ / 50kΩ, Up-Down
ISL95710 - 10kΩ / 50kΩ, Up-Down
Single 256-Tap (8-Bits)
ISL95810 - 10kΩ / 50kΩ, I2C
ISL95811 - 10kΩ / 50kΩ, I2C
ISL22313 - 10kΩ / 50kΩ / 100kΩ, I2C
ISL22414 - 10kΩ / 50kΩ / 100kΩ, SPI
Single 1024-Tap (10-Bits)
X9110 - 100kΩ, SPI
X9111 - 100kΩ, SPI
X9118 - 100kΩ, 2-Wire
X9119 - 100kΩ, 2-Wire
D
D
D
E
E
D
D
D
D
D
E
D
E
D
D
D
D
D
Dual 32-Tap (5-Bits)
X93254 - 50kΩ, Up-Down, 2-Terminal
X93255 - 50kΩ, Up-Down, 2-Terminal
X93256 - 50kΩ, Up-Down
Dual 64-Tap (6-Bits)
X9410 - 10kΩ, SPI
X9221A - 2kΩ / 10kΩ / 50kΩ, 2-Wire
X9418 - 2.5kΩ / 10kΩ, 2-Wire
Dual 128-Tap (7-Bits)
ISL22326 - 10kΩ / 50kΩ, I2C
ISL22329 - 10kΩ / 50kΩ, I2C, Wiper Only
ISL22426 - 10kΩ / 50kΩ, SPI
ISL22429 - 10kΩ / 50kΩ, SPI, Wiper Only
Dual 256-Tap (8-Bits)
X95820 - 10kΩ / 50kΩ, I2C
X9260 - 50kΩ / 100kΩ, SPI
X9261 - 50kΩ / 100kΩ, SPI
X9268 - 50kΩ / 100kΩ, 2-Wire
ISL22323 - 10kΩ / 50kΩ / 100kΩ, I2C
ISL22424 - 10kΩ / 50kΩ / 100kΩ, SPI
D
D
D
D
D
D
D
Quad 64-Tap (6-Bits)
X9400 - 2.5kΩ / 10kΩ, SPI
X9401 - 10kΩ, SPI
X9241A - 2kΩ / 10kΩ / 50kΩ, 2-Wire
X9408 - 2.5kΩ / 10kΩ, 2-Wire
X9409 - 2.5kΩ / 10kΩ, 2-Wire
Quad 128-Tap (7-Bits)
ISL22346 - 10kΩ / 50kΩ, I2C
ISL22349 - 10kΩ / 50kΩ, I2C, Wiper Only
ISL22446 - 10kΩ / 50kΩ, SPI
ISL22449 - 10kΩ / 50kΩ, SPI, Wiper Only
Quad 256-Tap (8-Bits)
X95840 - 10kΩ / 50kΩ, I2C
X9250 - 50kΩ / 100kΩ, SPI
X9251 - 50kΩ / 100kΩ, SPI
X9252 - 2kΩ / 10kΩ / 50kΩ / 100kΩ, 2-Wire
X9258 - 50kΩ / 100kΩ, 2-Wire
X9259 - 50kΩ / 100kΩ, 2-Wire
ISL22343 - 10kΩ / 50kΩ / 100kΩ, I2C
ISL22444 - 10kΩ / 50kΩ / 100kΩ, SPI
D
D
D
D
D
D
D
Dual Audio DCP - Integrated Output Buffer Amps and Audio Detect
ISL22102 - 32kΩ, Log Taper, Push Button, 0 to -72dB Dynamic Range
Low Voltage 1% Tolerant Precision DCP & Low Temperature Coefficient
ISL22317 - 10kΩ / 50kΩ / 100kΩ, I2C
Programmable Voltage Reference
X60250 - Micro-power, 8-bit Adjustable, 0 to 1.25V
ISL21400 - Programmable Gain and Temperature Slope
Sensor Conditioners with ADC, E2PROM Look-Up Tables, and DACs
X96010 - Dual, 2-Wire
X96011 - Single with Temperature Sensor, 2-Wire
X96012 - Dual with Temperature Sensor, 2-Wire
Single 128-Tap DCP with 16kbits General Purpose E2PROM
ISL96017 - 10kΩ / 50kΩ, I2C
TFT/LCD Programmable VCOM Calibrator (128 Step)
ISL45041 - I2C
ISL45042 - Up-Down
Positive and negative terminal voltage
D
Extended positive terminal voltage
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com