Electronic Components Datasheet Search
  English  ▼

X  

STP7401 Datasheet(PDF) 1 Page - Stanson Technology

Part # STP7401
Description  STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP7401 Datasheet(HTML) 1 Page - Stanson Technology

  STP7401 Datasheet HTML 1Page - Stanson Technology STP7401 Datasheet HTML 2Page - Stanson Technology STP7401 Datasheet HTML 3Page - Stanson Technology STP7401 Datasheet HTML 4Page - Stanson Technology STP7401 Datasheet HTML 5Page - Stanson Technology STP7401 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP7401
P Channel Enhancement Mode MOSFET
-2.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STP7401 2005. V1
DESCRIPTION
STP7401 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as cellular phone and notebook
computer power management, other battery powered circuits, and low in-line power
loss are required. The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-323 (SC-70)
1.Gate
2.Source
3.Drain
PART MARKING
SOT-323
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
STP7401S32RG
SOT-323
01YW
※
Process Code : A ~ Z ; a ~ z
※
ST7401S32RG
S32 : SOT-23-3L ; R : Tape Reel ; G : Pb – Free
FEATURE
-
30V/-2.8A, RDS(ON) = 115mΩ
@VGS = -10V
-30V/-2.5A, RDS(ON) = 135mΩ
@VGS = -4.5V
-30V/-1.5A, RDS(ON) = 170mΩ
@VGS = -2.5V
-30V/-1.0A, RDS(ON) = 240mΩ
@VGS = -1.8V
Super high density cell design for
Extremely low RDS(ON)
Exceptional on-resistance and
maximum DC current capability
SOT-323 (SC-70) package design
3
1
2
D
G
S
3
1
2
01YW


Similar Part No. - STP7401

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
STP7407 SEMTRON-STP7407 Datasheet
171Kb / 6P
-20V P-Channel Enhancement Mode MOSFET
Rev.1.0
More results

Similar Description - STP7401

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6621 STANSON-STP6621 Datasheet
452Kb / 6P
STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com