Electronic Components Datasheet Search
  English  ▼

X  

MCP2022T Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP2022T Datasheet HTML 28Page - Microchip Technology MCP2022T Datasheet HTML 29Page - Microchip Technology MCP2022T Datasheet HTML 30Page - Microchip Technology MCP2022T Datasheet HTML 31Page - Microchip Technology MCP2022T Datasheet HTML 32Page - Microchip Technology MCP2022T Datasheet HTML 33Page - Microchip Technology MCP2022T Datasheet HTML 34Page - Microchip Technology MCP2022T Datasheet HTML 35Page - Microchip Technology MCP2022T Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MCP2021/2/1P/2P
DS22018F-page 32
© 2005-2012 Microchip Technology Inc.
FIGURE 2-10:
Typical IBBTO vs Temperature.
FIGURE 2-11:
Typical IBBPD vs. Temperature.
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
-40C
25C
85C
125C
Temperature (°C)
Vbb = 6V
Vbb = 7.3V
Vbb = 12V
Vbb = 14.4V
Vbb = 18V
0
0.005
0.01
0.015
0.02
0.025
-40C
25C
85C
125C
Temperature (°C)
Vbb = 6V
Vbb = 7.3V
Vbb = 12V
Vbb = 14.4V
Vbb = 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com