Electronic Components Datasheet Search
  English  ▼

X  

MCP2022T Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP2022T Datasheet HTML 30Page - Microchip Technology MCP2022T Datasheet HTML 31Page - Microchip Technology MCP2022T Datasheet HTML 32Page - Microchip Technology MCP2022T Datasheet HTML 33Page - Microchip Technology MCP2022T Datasheet HTML 34Page - Microchip Technology MCP2022T Datasheet HTML 35Page - Microchip Technology MCP2022T Datasheet HTML 36Page - Microchip Technology MCP2022T Datasheet HTML 37Page - Microchip Technology MCP2022T Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MCP2021/2/1P/2P
DS22018F-page 34
© 2005-2012 Microchip Technology Inc.
3.1
Package Marking Information (Continued)
MCP2022
MCP2022P
MCP2022-500
2022P-500
MCP2022
MCP2022P
MCP2022-500 MCP2022P-500
8-Lead SOIC (3.90 mm)
Example
NNN
MCP2021
MCP2021P
2021500E
2021P50E
2021500E
SN
1033
256
3
14-Lead PDIP (300 mil)
Example
14-Lead SOIC (3.90 mm)
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
MCP2022-500
E/P
1033256
3
MCP2022-500
E/SL
1033256
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com