Electronic Components Datasheet Search
  English  ▼

X  

SQJ960EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ960EP
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ960EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ960EP Datasheet HTML 1Page - Vishay Siliconix SQJ960EP Datasheet HTML 2Page - Vishay Siliconix SQJ960EP Datasheet HTML 3Page - Vishay Siliconix SQJ960EP Datasheet HTML 4Page - Vishay Siliconix SQJ960EP Datasheet HTML 5Page - Vishay Siliconix SQJ960EP Datasheet HTML 6Page - Vishay Siliconix SQJ960EP Datasheet HTML 7Page - Vishay Siliconix SQJ960EP Datasheet HTML 8Page - Vishay Siliconix SQJ960EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQJ960EP
www.vishay.com
Vishay Siliconix
S12-2275-Rev. C, 24-Sep-12
1
Document Number: 67017
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualified
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR4 material).
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L. The end of the lead terminal is exposed copper (not plated) as a
result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to
ensure adequate bottom side solder interconnection..
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) () at VGS = 10 V
0.036
RDS(on) () at VGS = 4.5 V
0.046
ID (A) per leg
8
Configuration
Dual
4
3
2
1
6.15
mm
5.13
mm
Bottom View
PowerPAK® SO-8L Dual
G2
S2
G1
S1
D
2
D
1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
ORDERING INFORMATION
Package
PowerPAK SO-8L
Lead (Pb)-free and Halogen-free
SQJ960EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
8
A
TC = 125 °C
8
Continuous Source Current (Diode Conduction)a
IS
8
Pulsed Drain Currentb
IDM
32
Single Pulse Avalanche Current
L = 0.1 mH
IAS
16
Single Pulse Avalanche Energy
EAS
12
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
34
W
TC = 125 °C
11
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
85
°C/W
Junction-to-Case (Drain)
RthJC
4.3


Similar Part No. - SQJ960EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ960EP VISHAY-SQJ960EP Datasheet
234Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ960EP VISHAY-SQJ960EP Datasheet
233Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ960EP VISHAY-SQJ960EP_V01 Datasheet
234Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
More results

Similar Description - SQJ960EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945BEY VISHAY-SQ9945BEY_13 Datasheet
254Kb / 9P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
25-Jun-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
28-Jan-13
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
24-Jan-2022
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
20-Jun-16
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
07-Mar-2022
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
10-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com