Electronic Components Datasheet Search
  English  ▼

X  

SSL1523 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL1523
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL1523 Datasheet HTML 6Page - NXP Semiconductors SSL1523 Datasheet HTML 7Page - NXP Semiconductors SSL1523 Datasheet HTML 8Page - NXP Semiconductors SSL1523 Datasheet HTML 9Page - NXP Semiconductors SSL1523 Datasheet HTML 10Page - NXP Semiconductors SSL1523 Datasheet HTML 11Page - NXP Semiconductors SSL1523 Datasheet HTML 12Page - NXP Semiconductors SSL1523 Datasheet HTML 13Page - NXP Semiconductors SSL1523 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
10 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
7.1 Bill of materials (BOM)
Table 2.
Bill of materials
Part
no.
Description
Value
PCB footprint
Supplier Art no.
Manufacturer Manufacturer part no.
C1
capacitor
150 nF 400 V
-
Farnell
9752838
-
B32562J6154K
C2
capacitor
150 nF 400 V
-
Farnell
9752838
-
B32562J6154K
C3
capacitor
1
μF 35 V
0603
Farnell
1611920
-
GMK107BJ105KA-T
C11
capacitor
1
μF 35 V
0603
Farnell
1611920
-
GMK107BJ105KA-T
C4
capacitor CPO
NGO
330 pF 5 %
0603
-
-
-
-
C10
capacitor low
ESR
1500
μF 35 V
pitch = 5 mm
Farnell
1219477
Panasonic
EEUFM1V152L
C12
capacitor low
ESR
1
μF 35 V
0603
Farnell
1611920
-
GMK107BJ105KA-T
C13
capacitor
6.8
μF 10 V
0805
Farnell
1572632
Kemet
C0805C106K8PAC-TU
C15
Y-CAP
Y-CAP 1 nF
250 V (AC)
-
-
3531971
Murata
DE1E3KX102MA5B
D1
diode bridge
MB6S
-
-
1621770
Multicomp
-
D2
TVS
P6KE400A
DO15
Farnell
1578842
-
-
D3
TVS
P6KE200A
DO15
Farnell
1017750
Multicomp
-
D4
diode fast
HER107
DO41
Farnell
9565191
Multicomp
-
D5
diode fast
HER107
DO41
Farnell
9565191
Multicomp
-
D6
Zener diode
BZV55-C30
SOD80C
Farnell
1081362RL NXP
-
D10
diode Schottky
SB1H100
DO41
Farnell
9550364
Vishay
-
D11
Zener diode
BZV55-C22
SOD80C
Farnell
1097189
NXP
-
D12
diode standard
1n4148
SMD
Farnell
1469425
Vishay
-
D13
Zener diode
BZX384-B6V2
SOD-323
Farnell
1757832
NXP
BZX384-B6V2
F1
fuse
1 A 250 V
pitch = 5.08 mm Farnell
1637535
Schurter
34.6915
IC1
SSL1523
SSL1523
-
-
-
NXP
SSL1523
IC2
opto coupler
CTR 160 320 %
isolation =
class II
TCDT1124
-
Farnell
1045415
-
-
K1
connector
-
pitch = 5.08 mm Farnell
1131853
Weidmuller
PM5.08/2/90
K2
connector
-
pitch = 5.08 mm Farnell
1131853
Weidmuller
PM5.08/2/90
K3
connector
-
pitch = 2.54 mm Farnell
1668357
Samtec
SSW-106-02-G-S-RA
K4
connector
-
pitch = 5.08 mm Farnell
1131853
Weidmuller
PM5.08/2/90
L1
coil
1 mH -
13R105C
pitch = 2 E
Farnell
1710434
13R105C
Murata
-
L10
coil
10
μH 2.6 A
pitch = 5 mm
-
-
Wuerth
744772100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com