Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 3 Page - Texas Instruments

Part # STD
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 3 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Electrical Performance Specifications
www.ti.com
Electrical Performance Specifications
Table 1. UCC28810EVM-002 Electrical Performance Specifications
SYMBOL
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNITS
INPUT CHARACTERSTICS
VIN
Input voltage
90
264
VRMS
IIN
Input current
0.175
1.1
ARMS
PF
Power factor
POUT = 80 W to 100 W
0.95
0.97
OUTPUT CHARACTERSTICS
PFC Stage
VOUT
PFC output voltage
235
415
VDC
LED Driver Stage
POUT
Output power
45
80
100
W
IOUT
Output current
0.84
0.9
0.96
A
Line regulation
0.03
Frequency
60
128
kHz
SYSTEMS CHARACTERSTICS
η
Full load efficiency
90%
93%
PWM Dimming(1)
Threshold
0.72
1.3
V
Frequency range
200
1000
Hz
Duty cycle
0%
90%
(1)
The PWM dimming signal is inverted, 0% duty cycle is 100% LED current.
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com