Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 10 Page - Texas Instruments

Part # STD
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 10 Page - Texas Instruments

Back Button STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
7
Performance Data and Typical Characteristic Curves
80
100 120 140
200 220
260
V
RMS -LineVoltage-V
0.88
0.98
1.00
160 180
240
0.92
0.94
EFFICIENCY/POWERFACTOR
vs
LINEVOLTAGE
Efficiency
PowerFactor
0.90
0.96
0
2
4
10
12
6
8
80
100 120 140
200 220
260
V
RMS -LineVoltage-V
160 180
240
TOTAL HARMONICDISTORTION
vs
LINEVOLTAGE
7.1
Transient
Ch2:
BuckV
DS
Ch4:
LEDVoltage
0.5 A/div.
Ch3:
LEDCurrent
Ch1:
BuckV
IN
TRANSITIONMODEBUCKPWMRESPONSE
(Ch1andCh4shareGNDreference)
Ch2:
BuckV
DS
Ch4:
LEDVoltage
0.5 A/div.
Ch3:LED
Current
Ch1:
BuckV
IN
TRANSITIONMODEBUCKPWMRESPONSEEXPANDED
(Ch1andCh4shareGNDreference)
Performance Data and Typical Characteristic Curves
www.ti.com
Figure 4 through Figure 8 present some typical performance curves for the UCC28810EVM-002 with 30
Cree XRE LED’s at 900 mA.
Figure 4.
Figure 5.
Figure 6.
Figure 7.
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
10
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com