Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28811D Datasheet HTML 2Page - Texas Instruments UCC28811D Datasheet HTML 3Page - Texas Instruments UCC28811D Datasheet HTML 4Page - Texas Instruments UCC28811D Datasheet HTML 5Page - Texas Instruments UCC28811D Datasheet HTML 6Page - Texas Instruments UCC28811D Datasheet HTML 7Page - Texas Instruments UCC28811D Datasheet HTML 8Page - Texas Instruments UCC28811D Datasheet HTML 9Page - Texas Instruments UCC28811D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
5
Test Setup
5.1
Test Equipment
5.1.1
Voltage Source:
5.1.2
Multimeters
5.1.3
Output Load
5.1.4
Oscilloscope
5.1.5
Signal Generator
5.1.6
Fan
5.1.7
Recommended Wire Gauge
Test Setup
www.ti.com
WARNING
High voltages, that may cause injury, exist on this evaluation
module (EVM). Please ensure all safety procedures are followed
when working
on
this
EVM.
Never
leave
a
powered
EVM
unattended.
The
use
of
isolated
test
equipment
is
highly
recommended.
See Figure 3 for recommended test set up.
• Source 1: Isolated AC voltage source or VARIAC, capable of 90 VRMS to 264 VRMS at 150 W.
• Source 2: A 3.3-V DC source capable of 100 mA.
Three digital multimeters are recommend, one for current measurement, A1, and two for voltage
measurements, V1 and V2.
It is recommended that actual high brightness LED’s (HB-LED’s) are used for the load. They should be
rated at 0.9 A. The HB-LED’s should be connected in series. Their voltage drop should be between 55
VDC and 110 VDC. Alternatively a constant voltage electronic load could be used. If using a constant
voltage electronic load a 1000-
µF/250 VDC capacitor is required at the input to the electronic load. The
1000
µF capacitor should not be used if using HB-LED’s as the load.
A digital or analog oscilloscope with current probe is required to view the AC current in the PFC inductor
or buck inductor.
A signal generator that can produce a square wave pulse train at between 200 Hz and 1 kHz is required
to do external PWM dimming.
Forced air cooling is not required
A minimum of 18 AWG wire is recommended. Also the wire connections between the AC source and the
EVM, and the EVM and load should be less than two feet long. The AC input connector accepts a
standard IEC320-C13 connector with ground pin.
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
6
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com