Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28811D Datasheet HTML 3Page - Texas Instruments UCC28811D Datasheet HTML 4Page - Texas Instruments UCC28811D Datasheet HTML 5Page - Texas Instruments UCC28811D Datasheet HTML 6Page - Texas Instruments UCC28811D Datasheet HTML 7Page - Texas Instruments UCC28811D Datasheet HTML 8Page - Texas Instruments UCC28811D Datasheet HTML 9Page - Texas Instruments UCC28811D Datasheet HTML 10Page - Texas Instruments UCC28811D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
5.2
Recommended Test Setup
TP3
Buckbiasvoltagemonitor
TP4&TP5
PFCoutputvoltage
TP1&TP2
Loopinjectionpoint
CL2
CurrentProbe:
Buckinductor
ripplecurrent
monitor
J3
ShortpinstoEnable
OnBoardDimming
+
L
N
V2
CL1
CurrentProbe:
PFCinductor
ripplecurrent
monitor
1000uF
250V
A1
V1
J4
Pin1:BuckShutdown
Pin2:GND
Pin3ExternalPWMdimminginput
J2
Pin1:PFCShutdown
Pin2:GND
IEC320
-C13
Plug
90-265
VRMS
ACSource
Constant
Voltage
Load
+
-
5.3
List of Test Points
www.ti.com
Test Setup
Figure 3. UCC28810EVM-002 Recommended Test Set Up
Note:
The 1000-
µF/250-V capacitor on the output is not required if the load is a string of HB-LED’s.
Table 2. Test Point Functions
TEST POINTS
NAME
DESCRIPTION
TP1
Loop injection point
TP2
Loop injection point, PFC output
TP3
VCC_BK
Buck bias voltage output
TP4
PFC+
PFC output voltage
TP5
PFC-
PFC output voltage ground
TP6
VCC_BK
Buck bias voltage input
TP7
GND
Buck bias voltage ground
TP8
GND
Ground connection
TP9
EN
Buck enable
TP10
GND
Buck input voltage ground
TP11
BK_IN
Buck input voltage
J2-1
PFC shutdown
Apply 3.3 V to this pin to shutdown PFC stage
J2-2
GND
J4-1
BK_Shutdown
Apply 3.3 V to this pin to shutdown buck stage
J4-2
GND
J4-3
PWM Dim
Input for external PWM dimming
Short the two pins on J3 to enable on board PWM diming. R26
J3
On board dim
varies dimming duty cycle
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com