Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 23Page - NXP Semiconductors BLF145 Datasheet HTML 24Page - NXP Semiconductors BLF145 Datasheet HTML 25Page - NXP Semiconductors BLF145 Datasheet HTML 26Page - NXP Semiconductors BLF145 Datasheet HTML 27Page - NXP Semiconductors BLF145 Datasheet HTML 28Page - NXP Semiconductors BLF145 Datasheet HTML 29Page - NXP Semiconductors BLF145 Datasheet HTML 30Page - NXP Semiconductors BLF145 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 130 page
background image
28
NXP Semiconductors RF Manual 16th edition
1.4.4 Cellular receiver
Application diagram
Recommended products
Function
Product
Package
Type
LNA
MMIC
SiGe:C MMIC
SOT891
BGU7003
SOT886
BGU7003W
Product highlight:
BGU7003 MMIC wideband amplifier
The BGU7003 MMIC is a wideband amplifier in SiGe:C technology for
high-speed, low-noise applications. It is housed in a plastic leadless
6-pin extremely thin small outline SOT886 package.
Features
` Applicable between 40 MHz and 6 GHz
` LTE LNA: 1 dB NF, 18.5 dB gain and -5 dBm IIP3 at 750 MHz
` Integrated temperature-stabilized bias for easy design
` Bias current configurable with external resistor
` Power-down mode current consumption < 1 μA
` ESD protection > 1 kV Human Body Model (HBM) on all pins
001aan957
BPF
PA
UMTS
LTE
GSM/
EDGE
TRANSCEIVER
GSM/EDGE FE
SWITCH
duplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com