Electronic Components Datasheet Search
  English  ▼

X  

BLF145 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # BLF145
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF145 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 62Page - NXP Semiconductors BLF145 Datasheet HTML 63Page - NXP Semiconductors BLF145 Datasheet HTML 64Page - NXP Semiconductors BLF145 Datasheet HTML 65Page - NXP Semiconductors BLF145 Datasheet HTML 66Page - NXP Semiconductors BLF145 Datasheet HTML 67Page - NXP Semiconductors BLF145 Datasheet HTML 68Page - NXP Semiconductors BLF145 Datasheet HTML 69Page - NXP Semiconductors BLF145 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 130 page
background image
67
NXP Semiconductors RF Manual 16th edition
Features
` Reduces component count and considerably simplifies radar
system design
` P1 dB output power 200 W
` Efficiency > 40%
` Industry-standard footprint
` 50 Ω in/out matched for entire bandwidth
` Lightweight heat sink included
` The advantages of LDMOS over Bipolar
- Higher gain and better efficiency
- Better ruggedness – overdrive without risk to 5 dB
- Improved pulse droop and insertion phase
- Consistent performance – no tuning required
- Improved thermal characteristics – no thermal runaway
- Non-toxic packaging and RoHS-compliance
For a complete list of products, see the respective small-
signal and power microwave pages in chapter 3
Microwave applications and bands of operation
System
Frequency
VHF and UHF
<1 GHz
L-band
1200 - 1400 MHz
S-band
2700 - 3500 MHz
X-band
8000 - 12000 MHz
Commercialavionics
DME (Distance Measuring Equipment)
978 - 1215 MHz
Transponders
Mode A / Mode S / Mode C / TCAS
1030 - 1090 MHz
Militaryavionics
IFF transponders (Identification, Friend or Foe)
1030 - 1090 MHz
TACAN (Tactical Air Navigation)
960 - 1215 MHz
JTIDS / MIDS
(Joint Tactical Information Distribution System)
960 - 1215 MHz
Marine radar
9300 - 9500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com