Electronic Components Datasheet Search
  English  ▼

X  

CP002M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CP002M
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CP002M Datasheet(HTML) 1 Page - Vishay Siliconix

  CP002M Datasheet HTML 1Page - Vishay Siliconix CP002M Datasheet HTML 2Page - Vishay Siliconix CP002M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 30105
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 05-Apr-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power, Surface Mount
CP002M
Vishay Dale
FEATURES
• High wattage in a SMD package
• Meets or performs better than EIA-RS-344 requirements
• Special inorganic potting compound and ceramic case
provide high thermal conductivity in a fireproof package
• Superior surge capability
• Direct mounting on printed circuit board
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P40 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
WEIGHT
(typical)
g
CP002M
CP-2M
4
0.1 to 2.74K
1, 3, 5, 10
1.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CP002M RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 50 1.0
 and above, ± 90 below 1.0 
Short Time Overload
-
5 x rated power for 5 s
Dielectric Withstanding Voltage
VAC
1000
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
- 65 to + 175
PART NUMBER AND PRODUCT DESCRIPTION
Global Part Number example: CP002M15R00JB37
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
CP002M
R = Decimal
K = Thousand
R1500 = 0.15
1K500 = 1.5 k
F = ± 1.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10 %
B37 = Tin/lead, bulk
P07 =Tin/lead, tube
(Dash number)
(Up to 3 digits)
From 1 to 999
as applicable
Historical Part Numbering example: CP-2M 15
 5 % B37
CP-2M
15
5 %
B37
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
C0
2
M
1
0
P5
R
0
0
J
B
3
7


Similar Part No. - CP002M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
logo
Jiangsu High diode Semi...
CP0080SC HDSEMI-CP0080SC Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP002M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
Surface Mount Wirewound Power Resistors
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com