Electronic Components Datasheet Search
  English  ▼

X  

CP002M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CP002M
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CP002M Datasheet(HTML) 2 Page - Vishay Siliconix

  CP002M Datasheet HTML 1Page - Vishay Siliconix CP002M Datasheet HTML 2Page - Vishay Siliconix CP002M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30105
2
Revision: 05-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CP002M
Vishay Dale
Wirewound Resistors, Commercial
Power, Surface Mount
DIMENSIONS in inches [millimeters]
TEMPERATURE RISE
DERATING
MATERIAL SPECIFICATIONS
Element:
Copper-nickel alloy or nickel-chrome alloy
depending on resistance value
Core: Alumina ceramic
Body:
Steatite ceramic case with inorganic potting
compound
Terminals: High temperature solder dipped copper
Part Marking:
DALE, model, wattage, value, tolerance,
date code
L
T
W
H
H1
W1
a
I
b
MODEL
DIMENSIONS
in inches [millimeters]
L
± 0.032
[0.813]
W
± 0.032
[0.813]
H
± 0.032
[0.813]
W1
± 0.010
[0.254]
H1
± 0.032
[0.813]
T
± 0.010
[0.254]
CP002M
0.712
[18.08]
0.250
[6.35]
0.262
[6.65]
0.170
[4.32]
0.250
[6.35]
0.100
[2.54]
MODEL
SOLDER PAD DIMENSIONS
in inches [millimeters]
ab
l
CP002M
0.280
[7.11]
0.200
[5.08]
0.460
[11.68]
200
150
100
50
0
0
1.0
2.0
3.0
4.0
Power in W
Hot Spot
Terminal
Temperature
120
100
80
60
40
20
0
- 65 - 50
- 25
0
25
50
75
100
125
150
175
Ambient Temperature in °C
40
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
- 55 °C to + 150 °C, 5 cycles, 15 min at each extreme
± (0.2 % + 0.05
) R
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.05
) R
Low temperature storage
- 65 °C for 24 h
± (0.2 % + 0.05
) R
High temperature condition
1000 h at + 175 °C
± (0.5 % + 0.05
) R
Insulation resistance
MIL-STD-202, method 302, 100 V
1000 M
 min.
Mechanical shock
100 g’s for 11 ms, 5 pulses
± (0.1 % + 0.05
) R
Vibration
Frequency varied 10 Hz to 500 Hz in one min, 3 directions, 9 h
± (0.1 % + 0.05
) R
Load life
1000 h at rated power, + 40 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
) R
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.05
) R
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com