Electronic Components Datasheet Search
  English  ▼

X  

SMM0102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMM0102
Description  Thin Film Micro-MELF Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0102 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMM0102 Datasheet HTML 1Page - Vishay Siliconix SMM0102 Datasheet HTML 2Page - Vishay Siliconix SMM0102 Datasheet HTML 3Page - Vishay Siliconix SMM0102 Datasheet HTML 4Page - Vishay Siliconix SMM0102 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20003
26
Revision: 16-Aug-11
SMM0102
Vishay Draloric
Thin Film Micro-MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FEATURES
 Advanced thin film technology
 Low TCR and tight tolerances
 Excellent stability
 Pure tin termination on nickel barrier, plated on
press fit steel caps
 Compliant to RoHS Directive 2002/95/EC
Note
(1) Permissible dissipation depends on the maximum temperature at the solder joint, the component placement density, the substrate material
and PCB layout.
Notes
• The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 125 °C is not exceeded.
• The specification of this product is based on a test board according to EN 140400, providing a thermal resistance of approximately 275 K/W.
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING (1)
P70
W
LIMITING ELEMENT
VOLTAGE DC or ACRMS
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
E-SERIES
SMM0102
0.2
150
± 15
± 0.1
100R to 100K
24; 96
SMM0102
0.2
150
± 25
± 0.1
100R to 100K
24; 96
SMM0102
0.2
150
± 50
± 1.0
10R to 2M21
24; 96
Zero-Ohm-Resistor: OMM0102
Rmax. = 10 m
Imax. = 2 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SMM0102
Power rating P70
W0.2
Limiting element voltage, DC or ACRMS
V
150
Insulation voltage (1 min), DC or ACPEAK
V
200
Thermal resistance
K/W
 250
Insulation resistance
 109
Category temperature range
°C
- 55 to + 125
Failure rate: FITobserved
 0.1 x 10-9/h


Similar Part No. - SMM0102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
Metal Film, Cylindrical Resistors
24-Jun-02
SMM0102 VISHAY-SMM0102_15 Datasheet
175Kb / 5P
Thin Film Micro-MELF Resistors
16-Aug-11
More results

Similar Description - SMM0102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
28-Jun-11
MMA02040C4993FB300 VISHAY-MMA02040C4993FB300 Datasheet
197Kb / 13P
Professional Thin Film MELF Resistors
15-May-13
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM0102 VISHAY-SMM0102_15 Datasheet
175Kb / 5P
Thin Film Micro-MELF Resistors
16-Aug-11
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
28-Jun-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
Thin Film Mini-MELF Resistors
09-Nov-2021
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com