Electronic Components Datasheet Search
  English  ▼

X  

AD5601 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 4 Page - Analog Devices

  AD5601 Datasheet HTML 1Page - Analog Devices AD5601 Datasheet HTML 2Page - Analog Devices AD5601 Datasheet HTML 3Page - Analog Devices AD5601 Datasheet HTML 4Page - Analog Devices AD5601 Datasheet HTML 5Page - Analog Devices AD5601 Datasheet HTML 6Page - Analog Devices AD5601 Datasheet HTML 7Page - Analog Devices AD5601 Datasheet HTML 8Page - Analog Devices AD5601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5601/AD5611/AD5621
Data Sheet
Rev. F | Page 4 of 24
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD for Normal Mode
DAC active and excluding load
current
VDD = ±4.5 V to ±5.5 V
75
100
75
100
µA
VIH = VDD and VIL = GND
VDD = ±2.7 V to ±3.6 V
60
90
60
90
µA
VIH = VDD and VIL = GND
IDD for All Power-Down Modes
VIH = VDD and VIL = GND
VDD = ±4.5 V to ±5.5 V
0.5
0.5
µA
VIH = VDD and VIL = GND
VDD = ±2.7 V to ±3.6 V
0.2
0.2
µA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
96
96
%
ILOAD = 2 mA and VDD = ±5 V
1
Linearity calculated using a reduced code range: AD5621 from Code 64 to Code 4032; AD5611 from Code 16 to Code 1008; AD5601 from Code 4 to Code 252.
2
Guaranteed by design and characterization, not production tested.
3
Total current flowing into all pins.
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. See Figure 2.
Table 3.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
33
ns min
SCLK cycle time
t2
5
ns min
SCLK high time
t3
5
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
0
ns min
SCLK falling edge to SYNC rising edge
t8
20
ns min
Minimum SYNC high time
t9
13
ns min
SYNC rising edge to next SCLK falling edge ignored
1
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2
Maximum SCLK frequency is 30 MHz.
Figure 2. Timing Diagram
t4
t3
t2
t5
t7
t6
D0
D1
D2
D14
D15
SYNC
SCLK
t9
t1
t8
D15
D14
SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com