Electronic Components Datasheet Search
  English  ▼

X  

AD5601 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5601 Datasheet HTML 6Page - Analog Devices AD5601 Datasheet HTML 7Page - Analog Devices AD5601 Datasheet HTML 8Page - Analog Devices AD5601 Datasheet HTML 9Page - Analog Devices AD5601 Datasheet HTML 10Page - Analog Devices AD5601 Datasheet HTML 11Page - Analog Devices AD5601 Datasheet HTML 12Page - Analog Devices AD5601 Datasheet HTML 13Page - Analog Devices AD5601 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5601/AD5611/AD5621
Data Sheet
Rev. F | Page 10 of 24
Figure 23. Noise Spectral Density
Figure 24. Supply Current vs. Digital Input Code
Figure 25. Sink and Source Capability
Figure 26. INL vs. Temperature (5 V)
Figure 27. DNL vs. Temperature (5 V)
Figure 28. Zero-Code Error and Full-Scale Error vs. Temperature
0
100
200
300
400
500
600
700
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
UNLOADED OUTPUT
MIDSCALE
ZERO SCALE
FULL SCALE
0
10
20
30
40
50
60
70
0
2000
4000
6000
8000
10000 12000 14000 16000
DIGITAL INPUT CODE
VDD = 5V
VDD = 3V
TA = 25°C
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I (mA)
DAC LOADED WITH ZERO-SCALE CODE
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL-SCALE CODE
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
AD5611 MIN INL ERROR
AD5621 MIN INL ERROR
AD5621 MAX INL ERROR
VDD = 5V
AD5611 MAX INL ERROR
AD5601 MAX INL ERROR
AD5601 MIN INL ERROR
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
–40
10
60
110
160
TEMPERATURE (°C)
VDD = 5V
AD5611 MIN DNL ERROR
AD5621 MAX DNL ERROR
AD5611 MAX DNL ERROR
AD5601 MAX DNL ERROR
AD5601 MIN DNL ERROR
AD5621 MIN DNL ERROR
–40
40
60
80
100
–20
0
–20
120
140
TEMPERATURE (°C)
AD5621 ZERO-CODE ERROR
AD5611 FULL-SCALE ERROR
AD5621 FULL-SCALE ERROR
VDD = 5V
0.00149
0.00099
0.00049
–0.00001
–0.00051
AD5611 ZERO-CODE ERROR
AD5601 ZERO-CODE ERROR
AD5601 FULL-SCALE ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com