Electronic Components Datasheet Search
  English  ▼

X  

HSR320 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HSR320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSR320 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HSR320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200709
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 3/3
HSR320 thru HSR3100
HSMC Product Specification
DO-201AD Dimension
Marking:
Marking around the
surface of cylinder
Date Code
Control Code
HS R 3
Product Series
20,30,40,50,60,80,100
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Note:
Green label is used for pb-free packing
2-Lead DO-201AD Molded Plastic Package
HSMC Package Code: L
E
B
C
A
D
DIM
Min.
Max.
A
1.20
1.30
B
25.40
-
C
8.50
9.50
D
25.40
-
E
5.00
5.60
Unit: mm
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com