Electronic Components Datasheet Search
  English  ▼

X  

HSR320 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSR320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSR320 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSR320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSR320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200709
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 1/3
HSR320 thru HSR3100
HSMC Product Specification
HSR320 thru HSR3100
DO-201AD
Schottky Barrier Rectifiers
(Reverse Voltage 20 to 100V, Forward Current 3A)
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capability
Mechanical Data
• Cases: DO-201AD molded plastic body
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-750, Method 2026 guaranteed
• Polarity: Color band denotes cathode end
• High temperature soldering guaranteed: 250°C/10seconds/.375”(9.5mm) lead lengths at 5lbs.(2.3kg) tension
• Weight: 1.12gram
Maximum Ratings & Electrical Characteristics
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load. Derate current by 20%.
Ratings
Symbol
HSR
320
HSR
330
HSR
340
HSR
350
HSR
360
HSR
380
HSR
3100
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Surge Peak Reverse Voltage
VRSM
14
21
28
35
42
57
71
V
DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Average Forward Rectified Current (TA=75
oC)
IFAV
3
A
Peak Forward Surge Current, 50Hz Half
Sine-wave (TA=25
oC)
IFSM
80
A
Repetitive Peak Forward C (f>15Hz)
IFRM
12
A
Instantaneous Forward Voltage
VF
0.48
0.52
0.7
0.8
V
Leakage Current (TJ=25
oC, V
R=VRRM)
0.1
mA
Leakage Current (TJ=100
oC, V
R=VRRM)
IR
10
mA
Typical Junction Capacitance
CJ
170
pF
Rating for Fusing, t<10ms (TA=25
oC)
i
2t
12.5
A
2s
Thermal Resistance Junction to Ambient Air
RθJA
20
°C/W
Thermal Resistance Junction to Lead
RθJL
15
°C/W
Operating Junction Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD Protection Voltage
VESD
12
KV


Similar Part No. - HSR320

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSR30C-32 JLWORLD-HSR30C-32 Datasheet
84Kb / 1P
SPEAKER SOUND GENERATORS
HSR30D JLWORLD-HSR30D Datasheet
933Kb / 1P
Specification for other impedance is available upon request
HSR30D-150 JLWORLD-HSR30D-150 Datasheet
933Kb / 1P
Specification for other impedance is available upon request
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR312 FAIRCHILD-HSR312 Datasheet
507Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
More results

Similar Description - HSR320

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSMA320 HSMC-HSMA320 Datasheet
105Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB520-E LRC-SB520-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com