Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1844
Description  1.5A Low Noise Fast Transient Response LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 14Page - Linear Technology LTC1844 Datasheet HTML 15Page - Linear Technology LTC1844 Datasheet HTML 16Page - Linear Technology LTC1844 Datasheet HTML 17Page - Linear Technology LTC1844 Datasheet HTML 18Page - Linear Technology LTC1844 Datasheet HTML 19Page - Linear Technology LTC1844 Datasheet HTML 20Page - Linear Technology LTC1844 Datasheet HTML 21Page - Linear Technology LTC1844 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT1963A Series
18
1963afe
applicaTions inForMaTion
typically 40nV/√Hz over this frequency bandwidth for
the LT1963A (adjustable version). For higher output
voltages (generated by using a resistor divider), the
output voltage noise will be gained up accordingly. This
results in RMS noise over the 10Hz to 100kHz bandwidth
of 14µVRMS for the LT1963A increasing to 38µVRMS for
the LT1963A-3.3.
Higher values of output voltage noise may be measured
when care is not exercised with regard to circuit layout
and testing. Crosstalk from nearby traces can induce
unwanted noise onto the output of the LT1963A-X.
Powersupplyripplerejectionmustalsobeconsidered;the
LT1963A regulators do not have unlimited power supply
rejection and will pass a small portion of the input noise
through to the output.
Thermal Considerations
Thepowerhandlingcapabilityofthedeviceislimitedbythe
maximum rated junction temperature (125°C). The power
dissipated by the device is made up of two components:
1. Output current multiplied by the input/output voltage
differential: (IOUT)(VIN – VOUT), and
2. GND pin current multiplied by the input voltage: (IGND)
(VIN).
The GND pin current can be found using the GND Pin
CurrentcurvesintheTypicalPerformanceCharacteristics.
Power dissipation will be equal to the sum of the two
components listed above.
The LT1963A series regulators have internal thermal
limiting designed to protect the device during overload
conditions. For continuous normal conditions, the maxi-
mum junction temperature rating of 125°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambi-
ent. Additional heat sources mounted nearby must also
be considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
This resistor should be made using one of the inner
layers of the PC board which are well defined. The resistiv-
ity is determined primarily by the sheet resistance of the
copper laminate with no additional plating steps. Table
2 gives some sizes for 0.75A RMS current for various
copper thicknesses. More detailed information regarding
resistors made from PC traces can be found in Application
Note 69, Appendix A.
Overload Recovery
LikemanyICpowerregulators,theLT1963A-Xhassafeop-
eratingareaprotection.Thesafeareaprotectiondecreases
the current limit as input-to-output voltage increases and
keeps the power transistor inside a safe operating region
for all values of input-to-output voltage. The protection
is designed to provide some output current at all values
of input-to-output voltage up to the device breakdown.
When power is first turned on, as the input voltage rises,
the output follows the input, allowing the regulator to start
up into very heavy loads. During the start-up, as the input
voltage is rising, the input-to-output voltage differential
is small, allowing the regulator to supply large output
currents. With a high input voltage, a problem can occur
wherein removal of an output short will not allow the
output voltage to recover. Other regulators, such as the
LT1085, also exhibit this phenomenon, so it is not unique
to the LT1963A-X.
The problem occurs with a heavy output load when the
inputvoltageishighandtheoutputvoltageislow.Common
situations are immediately after the removal of a short-
circuit or when the shutdown pin is pulled high after the
input voltage has already been turned on. The load line for
such a load may intersect the output current curve at two
points. If this happens, there are two stable output operat-
ing points for the regulator. With this double intersection,
the input power supply may need to be cycled down to
zero and brought up again to make the output recover.
Output Voltage Noise
The LT1963A regulators have been designed to provide
low output voltage noise over the 10Hz to 100kHz band-
width while operating at full load. Output voltage noise is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com