Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1844
Description  1.5A Low Noise Fast Transient Response LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 4 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT1963A Series
4
1963afe
orDer inForMaTion
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1963AET-1.5
LT1963AET-1.5#TR
LT1963AET-1.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1963AET-1.8
LT1963AET-1.8#TR
LT1963AET-1.8
5-Lead Plastic TO-220
–40°C to 125°C
LT1963AET-2.5
LT1963AET-2.5#TR
LT1963AET-2.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1963AET-3.3
LT1963AET-3.3#TR
LT1963AET-3.3
5-Lead Plastic TO-220
–40°C to 125°C
LT1963AEFE
LT1963AEFE#TR
1963AEFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AIFE
LT1963AIFE#TR
1963AIFE
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AEFE-1.5
LT1963AEFE-1.5#TR
1963AEFE15
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AEFE-1.8
LT1963AEFE-1.8#TR
1963AEFE18
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AEFE-2.5
LT1963AEFE-2.5#TR
1963AEFE25
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AEFE-3.3
LT1963AEFE-3.3#TR
1963AEFE33
16-Lead Plastic TSSOP
–40°C to 125°C
LT1963AEST-1.5
LT1963AEST-1.5#TR
963A15
3-Lead Plastic SOT-223
–40°C to 125°C
LT1963AEST-1.8
LT1963AEST-1.8#TR
963A18
3-Lead Plastic SOT-223
–40°C to 125°C
LT1963AEST-2.5
LT1963AEST-2.5#TR
963A25
3-Lead Plastic SOT-223
–40°C to 125°C
LT1963AEST-3.3
LT1963AEST-3.3#TR
963A33
3-Lead Plastic SOT-223
–40°C to 125°C
LT1963AES8
LT1963AES8#TR
1963A
8-Lead Plastic SO
–40°C to 125°C
LT1963AIS8
LT1963AIS8#TR
1963A
8-Lead Plastic SO
–40°C to 125°C
LT1963AMPS8
LT1963AMPS8#TR
963AMP
8-Lead Plastic SO
–55°C to 125°C
LT1963AES8-1.5
LT1963AES8-1.5#TR
963A15
8-Lead Plastic SO
–40°C to 125°C
LT1963AES8-1.8
LT1963AES8-1.8#TR
963A18
8-Lead Plastic SO
–40°C to 125°C
LT1963AES8-2.5
LT1963AES8-2.5#TR
963A25
8-Lead Plastic SO
–40°C to 125°C
LT1963AES8-3.3
LT1963AES8-3.3#TR
963A33
8-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com