Electronic Components Datasheet Search
  English  ▼

X  

BL9581 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL9581
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9581 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL9581 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9581 Rev 1.3
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
1
BL9581
36V, 1.2A Step-down
High Brightness LED Driver with Internal Switch
FEATURES
Simple low parts count
Internal 36V NDMOS switch
Up to 1.2A output current
Single pin on/off and brightness control
using DC voltage or PWM
Soft Start
High efficiency (up to 97%)
Wide input voltage range: 6V to 36V
Output shutdown
Up to 1MHz switching frequency
Inherent open-circuit LED protection
Typical 3% output current accuracy
High-side current sense
Hysteretic control: no compensation
Adjustable constant LED current
Over temperature protection
Pb-free SOT23-5 packages
APPLICATIONS
Low voltage halogen replacement LEDs
Automotive lighting
Low voltage industrial lighting
LED back-up lighting
Illuminated signs
LCD TV backlighting
DESCRIPTION
The BL9581 is a continuous mode inductive
step-down converter, designed for driving
single or multiple series connected LEDs
efficiently from a voltage source higher than
the LED voltage. The device operates from
an input supply between 6V and 36V and
provides an externally output current up to
1.2A. Depending upon supply voltage and
external components, this can provides up to
24 watts of output power.
The BL9581 includes the output switch and a
high-side output current sensing circuit, which
uses an external resistor to set the nominal
average output current.
Output current can be adjusted by applying
an external control signal to the 'ADJ' pin.
The ADJ pin will accept either a DC voltage
or a PWM waveform. During DC dimming,
this will provide a continuous output current
that is proportional to the external applied DC
voltage. During the PWM dimming, this will
provide a gated output current and the
average current is proportional to the duty
cycle. Applying a voltage of 0.2V or lower to
the ADJ pin turns the output off and switches
the device into a low current standby state.
ORDERING INFORMATION
BL9581
X XXX
TYPICAL APPLICATION
VIN
ISENSE
LX
ADJ
GND
BL9581
N/C
GND
VIN(6V-36V)
C1
4.7uF
Rs
0.1ohm
D1
L1
47uH
Package:
RN: SOT23--5
Features:
P: Standard (default, lead free)
C: Customized


Similar Part No. - BL9581

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
High Brightness LED Driver with Internal Switch
BL9582B BELLING-BL9582B Datasheet
1Mb / 16P
32V, 1.4A Step-down High Brightness LED Driver with Internal Switch
BL9582BCSRN BELLING-BL9582BCSRN Datasheet
1Mb / 16P
32V, 1.4A Step-down High Brightness LED Driver with Internal Switch
BL9582BPSRN BELLING-BL9582BPSRN Datasheet
1Mb / 16P
32V, 1.4A Step-down High Brightness LED Driver with Internal Switch
More results

Similar Description - BL9581

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
High Brightness LED Driver with Internal Switch
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360_16 Datasheet
603Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com