Electronic Components Datasheet Search
  English  ▼

X  

BL9581 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL9581
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9581 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9581 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL9581 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9581 Rev 1.3
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
13
BL9581
36V, 1.2A Step-down
High Brightness LED Driver with Internal Switch
The following equations can be used as a
guide.
LX Switch 'On' time
()
AVG
ON
IN
LED
S
L
LX
LI
T
VV
I
R
R
R
× Δ
=
−−
×
+
+
LX Switch 'Off' time
()
OFF
LED
D
AVG
S
L
LI
T
VV
I
R
R
× Δ
=
++
+
Where:
L is the coil inductance (H)
RL is the coil resistance (Ω)
RS is the current sense resistance (Ω)
IAVG is the required LED current (A)
ΔI is the coil peak-peak ripple current (A)
(Internally set to 0.3 x IAVG)
VIN is the supply voltage (V)
VLED is the total LED forward voltage (V)
RLX is the switch resistance (Ω) (=0.35Ω
nominal)
VD is the diode forward voltage at the
required load current (V)
Diode selection
For maximum efficiency and performance,
the rectifier (D1) should be a fast low
capacitance Schottky diode with low
reverse leakage at the maximum operating
voltage
and
temperature.
They
also
provide better efficiency than silicon diodes,
due to a combination of lower forward
voltage and reduced recovery time. It is
important to select parts with a peak
current rating above the peak coil current
and a continuous current rating higher than
the maximum output load current. It is very
important to consider the reverse leakage
of the diode when operating above 85°C.
Excess leakage will increase the power
dissipation in the device and if close to the
load may create a thermal runaway
condition. The higher forward voltage and
overshoot due to reverse recovery time in
silicon diodes will increase the peak
voltage on the LX output. If a silicon diode
is used, care should be taken to ensure
that the total voltage appearing on the LX
pin including supply ripple, does not
exceed the specified maximum value. The
following web sites are useful when finding
alternatives:
www.onsemi.com
Reducing output ripple
Peak to peak ripple current in the LED(s)
can be reduced, if required, by shunting a
capacitor CLED across the LED(s) as shown
below:
U1
BL9581
ADJ
RS
L1
47uH
1
2
D1
1
2
CIN
4.7uF
VIN
CLED
1uF
A value of 1uF will reduce the supply ripple
current by a factor three (approx.).
Proportionally lower ripple can be achieved
with higher capacitor values. Note that the
capacitor will not affect operating fre-
quency or efficiency, but it will increase
start-up delay and reduce the frequency of
dimming, by reducing the rate of rise of
LED voltage. By adding this capacitor the
current waveform through the LED(s)
changes from a triangular ramp to a more
sinusoidal version without altering the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com