Electronic Components Datasheet Search
  English  ▼

X  

PSOT03 Datasheet(PDF) 5 Page - Protek Devices

Part # PSOT03
Description  500 WATT TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT03 Datasheet(HTML) 5 Page - Protek Devices

  PSOT03 Datasheet HTML 1Page - Protek Devices PSOT03 Datasheet HTML 2Page - Protek Devices PSOT03 Datasheet HTML 3Page - Protek Devices PSOT03 Datasheet HTML 4Page - Protek Devices PSOT03 Datasheet HTML 5Page - Protek Devices PSOT03 Datasheet HTML 6Page - Protek Devices PSOT03 Datasheet HTML 7Page - Protek Devices PSOT03 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 5
PSOT03 - PSOT36C
SPiCe mODel
FiGuRe 1
SPiCe mODel FOR
TABle 1 - SPiCe PARAmeTeRS
PARAmeTeR
uniT
ABD(TVS)
BV
V
See Table 2
IBV
µA
1
C
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
Ohms
See Table 2
TT
s
1E-8
EG
eV
1.11
TABle 2 - ABD SPeCiFiC SPiCe PARAmeTeRS
PART numBeR
B
V(VOlTS)
C
jo(pF)
i
S (AmPS)
R
s(OhmS)
PSOT03
4.5
438
1E-11
0.21
PSOT05
6.0
284
1E-11
0.14
PSOT08
8.5
146
1E-11
0.28
PSOT12
13.3
123
1E-13
0.40
PSOT15
16.7
102
1E-13
0.52
PSOT24
26.7
61
1E-13
1.54
PSOT03C
4.5
219
1E-11
0.21
PSOT05C
6.0
142
1E-11
0.14
PSOT08C
8.5
73
1E-11
0.28
PSOT12C
13.3
62
1E-13
0.40
PSOT15C
16.7
51
1E-13
0.52
PSOT24C
26.7
30
1E-13
1.54
ABD - Avalanche Breakdown Diode (TVS)
Lg - Lead Inductance
ABD
ABD
Lg
0.6nH
ABD
Lg
0.6nH
UNIDIRECTIONAL
BIDIRECTIONAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com