Electronic Components Datasheet Search
  English  ▼

X  

PSOT03 Datasheet(PDF) 1 Page - Protek Devices

Part # PSOT03
Description  500 WATT TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT03 Datasheet(HTML) 1 Page - Protek Devices

  PSOT03 Datasheet HTML 1Page - Protek Devices PSOT03 Datasheet HTML 2Page - Protek Devices PSOT03 Datasheet HTML 3Page - Protek Devices PSOT03 Datasheet HTML 4Page - Protek Devices PSOT03 Datasheet HTML 5Page - Protek Devices PSOT03 Datasheet HTML 6Page - Protek Devices PSOT03 Datasheet HTML 7Page - Protek Devices PSOT03 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 1
PSOT03 - PSOT36C
500 WATT TVS ARRAY
DeSCRiPTiOn
The PSOT series are transient voltage suppressor (TVS) arrays, designed for power or data line applications that pro-
vide protection against ESD, tertiary lightning and switching transients. This series offers low clamping voltage for the
protection of sensitive interfaces.
The PSOT series has a peak pulse power of 500 Watts for an 8/20µs waveshape and is available in either a bidirection-
al or unidirectional configuration. This series meets the IEC 61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Ground) & Level 3 (Line-Line)
• 500 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage
• Bidirectional and Unidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 36V
• RoHS Compliant
• REACh Compliant
meChAniCAl ChARACTeRiSTiCS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPliCATiOnS
• RS-232, RS-422 & RS-423
• Cellular Phones
• Controlling & Monitoring Systems
• Handheld Devices
• Wireless Bus Protection
Pin COnFiGuRATiOnS
SOT-23 PACkAGe
2
3
1
UNIDIRECTIONAL
2
3
1
BIDIRECTIONAL


Similar Part No. - PSOT03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT03 PROTEC-PSOT03 Datasheet
95Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03 Datasheet
738Kb / 8P
500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03 Datasheet
463Kb / 8P
500 WATT TVS ARRAY
logo
Guangdong Youtai Semico...
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
More results

Similar Description - PSOT03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_11 Datasheet
738Kb / 8P
500 WATT TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_12 Datasheet
509Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603_12 Datasheet
639Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_12 Datasheet
502Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
PSOT12C-LF PROTEC-PSOT12C-LF Datasheet
463Kb / 8P
500 WATT TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com