Electronic Components Datasheet Search
  English  ▼

X  

BL9582 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
9
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
-50
-25
0
25
50
75
100
125
150
4.75
4.80
4.85
4.90
4.95
5.00
Ambient Temperature(°C)
12V, single LED, RS=0.15
12V, three LED,RS=0.33
24V, single LED,RS=0.15
24V, three LED,RS=0.33
VADJ Vs.Temperature
L=47uH
-50
-25
0
25
50
75
100
125
150
96
100
104
108
112
Ambient Temperature(°C)
12V, single LED, RS=0.15
12V, three LED, RS=0.33
24V, single LED, RS=0.15
24V, three LED, RS=0.33
Voltage across RSENSE Vs. Temperature
L=47uH
-50
-25
0
25
50
75
100
125
150
-4
0
4
8
12
Ambient Temperature(°C)
12V, single LED, RS=0.15
12V, three LED, RS=0.33
Output Current Change Vs. Temperature
L=47uH
-50
-25
0
25
50
75
100
125
150
-4
0
4
8
12
Ambient Temperature(°C)
24V, single LED, RS=0.15
24V, three LED, RS=0.33
Output Current Change Vs. Temperature
L=47uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com