Electronic Components Datasheet Search
  English  ▼

X  

BL9582 Datasheet(PDF) 10 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 10 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
10
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
Operation Description
The device, in conjunction with the coil (L1)
and current sense resistor (RS), forms a
self
oscillating
continuous-mode
buck
converter. When input voltage VIN is first
applied, the initial current in L1 and RS is
zero and there is no output from the
current sense circuit. Under this condition,
the (-) input to the comparator is at ground
and its output is high. This turns on an
internal switch and switches the LX pin low,
causing current to flow from VIN to ground,
via RS, L1 and the LED(s). The current
rises at a rate determined by VIN and L1 to
produce a voltage ramp (VISENSE) across
RS. When (VIN-VISENSE) > 115mV, the
output of comparator switches low and the
switch turns off. The current flowing on the
RS decreases at another rate. When (VIN-
VISENSE) < 85mV, the switch turns on again
and the mean current on the LED is
determined by
85 115
(
)
/
100
/
2
SS
mV R
mV R
+
=
The high-side current-sensing scheme and
on-board current-setting circuitry minimize
the number of external components while
delivering LED current with ±4% accuracy,
using a 1% sense resistor.
The BL9582 allows dimming with a PWM
signal at the ADJ input. A logic level below
0.2V at ADJ forces BL9582 to turn off the
LED and the logic level at ADJ must be at
least 1.2V (1.5V recommended) to turn on
the full LED current. The frequency of
PWM dimming ranges from 100Hz to more
than 20 kHz.
The ADJ pin can be driven by an external
DC voltage (VADJ) to adjust the output
current to a value below the nominal
average value defined by RS. The DC
voltage is valid from 0.3V to 1.2V. When
the dc voltage is higher than 1.2V, the
output current keeps constant. The LED
current also can be adjusted by a resistor
connected to the ADJ pin. An internal pull-
up resistor (typical 1.0 MΩ) is connected to
a 5V internal regulator. The voltage of ADJ
pin is divided by the internal and external
resistor. The ADJ pin is pulled up to the
internal regulator (5V) by a 1.0 MΩ resistor.
It can be floated at normal working. When
a voltage applied to ADJ falls below the
threshold (0.2V nom.), the output switch is
turned off. The internal regulator and
voltage reference remain powered during
shutdown to provide the reference for the
shutdown circuit. Quiescent supply current
during shutdown is nominally 50uA and
switch leakage is below 5uA. Additionally,
to ensure the reliability, the BL9582 is built
with a thermal shutdown (TSD) protection
and a thermal pad. The TSD protests the
IC from over temperature (160 ). Also the
℃
thermal pad enhances power dissipation.
As a result, the BL9582 can handle a large
amount of current safely.
Application Information
Setting nominal average output current
with external resistor RS
The nominal average output current in the
LED(s) is determined by the value of the
external
current
sense
resistor
(RS)
connected between VIN and ISENSE and is
given by:
0.1
OUT
S
I
R
=
This equation is valid when ADJ pin is float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com