Electronic Components Datasheet Search
  English  ▼

X  

BL22P64 Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD.

Part # BL22P64
Description  BL22P64 can be used for dedicated control functions in a variety of applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL22P64 Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD.

Back Button BL22P64 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 11 of 15
B
BB
BL
LL
L22P64
22P64
22P64
22P64 SPEC
SPEC
SPEC
SPECIFICATION
IFICATION
IFICATION
IFICATION
上海贝岭
上海贝岭
上海贝岭
上海贝岭股份
股份
股份
股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
0: P12 as normal I/O pin
1: P12 as external reset input pin
.2 LVREO
0: LVR disable
1: LVR enable
.0-.1 OSC/RC
00: Crystal/ceramic oscillator (400K-4MHz) as system clock
01: External RC oscillator as system clock
10: Internal RC oscillator(0.5MHz) as system clock
11: Internal RC oscillator(3.2MHz) as system clock
6.
.
.
.ELECTRICAL DATA
6.1 Absolute Maximum Ratings
(TA=25℃)
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
-
-0.3 to +6.5
V
Input voltage
VI
All ports
-0.3 to VDD+0.5
V
Output voltage
VO
All ouput ports
-0.3 to VDD+0.5
V
Output current high
IOH
One I/O pin active
-25
mA
All I/O pin active
-80
mA
Output current low
IOL
One I/O pin active
+30
mA
All I/O pin active
+150
mA
Operating temperature
TA
-
-40 to +85
℃
Storage temperature
TSTG
-
-65 to +150
℃
6.2 DC Electrical Characteristics
(TA=25℃ VDD=2.7-5.5V)
Parameter
Sym.
Condition
Min
Typ
Max
Unit
Input high
voltage
VIH
P0,P1,P2
VDD=2.7-5.5V
0.8VDD
-
VDD
V
Input low
voltage
VIL
P0,P1,P2
VDD=2.7-5.5V
0
-
0.2VDD
V
Output high
voltage
VOH
IOH=-10mA
P0,P1,P2
VDD=4.5-5.5V
VDD-1.5
VDD-0.4
-
V
Output low
voltage
VOL
IOL=25mA
P0,P1,P2
VDD=4.5-5.5V
-
0.5
2.0
V
Input high
leakage
current
IIH
All input
VIN=VDD
-
-
1
uA
Input low
leakage
current
IIL
All input
VIN=0
-
-
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com