Electronic Components Datasheet Search
  English  ▼

X  

BL22P64 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL22P64
Description  BL22P64 can be used for dedicated control functions in a variety of applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL22P64 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL22P64 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL22P64 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 2 of 15
B
BB
BL
LL
L22P64
22P64
22P64
22P64 SPEC
SPEC
SPEC
SPECIFICATION
IFICATION
IFICATION
IFICATION
上海贝岭
上海贝岭
上海贝岭
上海贝岭股份
股份
股份
股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
1.
.
.
.PRODUCT OVERVIEW
BL22P64 can be used for dedicated control functions in a variety of applications, such as induction
cooker, microwave oven, soybean milk maker and so on.
A dual address/data bus architecture and bit-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counter, A/D converter
and PWM are designed for measure and control.
2.
.
.
.FEATURES
●
8-bit CISC core(compatible with Motorola HC05)
● 4K byte OTP ROM
●
208 byte RAM
● Three configurable I/O ports (18 pins)
●
One 8-bit PWM output
●
One 8-bit timer/counter with time interval mode
● A/D converter with nine input channels and 10-bit resolution
● Four interrupt sources (two external interrupt, timer interval interrupt, PWM interrupt)
● WATCH DOG
●
3V LVR
● Four configurable clock circuit:
Crystal/Ceramic oscillator (400K-4MHz)
External RC oscillator
3.2MHz(VDD=5V) internal RC oscillator
0.5MHz(VDD=5V) internal RC oscillator
●
Operating Voltage: 2.7-5.5V
●
Operating temperature: -40-85℃
● Package Types: SOP20/DIP20/SOP16
●
4KV EMC
3.
.
.
.PIN ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com