Electronic Components Datasheet Search
  English  ▼

X  

BL6533 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL6533
Description  Single Phase, LCD, Energy Meter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6533 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL6533 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BL6533
BL6533
BL6533
BL6533
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD D
DD
Driver
river
river
river
http://www.belling.com.cn
- 4 -
9/9/2009
Total 10 Pages
42
Seg2
Segment terminal driving output
43
Seg1
Segment terminal driving output
44
Seg0
Segment terminal driving output
46,46
NC
Unused
47
VDD
Provides the supply voltage for the circuitry. It should be maintained at 5 V
±5% for specified operation.
48
OSC2
Oscillator crystal on
49
OSC1
Oscillator crystal in
50
VPP
Reset to the device
51
A1
Reset computation setting: High Voltage: clear
Low Voltage: keep
52
SCL
IIC Serial Clock Output
53
SDA
IIC Serial Data
54
CF
Calibration Frequency. The CF logic output gives instantaneous real power
information.
55
A2
Decimal digits setting: High Voltage: Twain decimal digits
Low Voltage: one decimal digits
56,57,58
NC
Unused
59
A3
60
A4
A3
A4
Pulse constant
0
0
3200 imp/kwh
0
1
800 imp/kwh
1
0
1600 imp/kwh
1
1
6400 imp/kwh
61,62,63,64
NC
Unused
电性能参数
电性能参数
电性能参数
电性能参数
极限参数
Parameter
Symbol
Value
Unit
Analog &Digital
power Voltage
VDD
VDD
VSS-0.3 to VSS+6.5
V
Analog Input
Voltage
VI
VSS-0.3 to VDD+0.3
V
Operating
Temperature
Range
TA
-40 to +75
℃
Storage
Temperature
Range
TS
-50 to +125
℃
Power
Dissipation
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com