Electronic Components Datasheet Search
  English  ▼

X  

BL6533 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL6533
Description  Single Phase, LCD, Energy Meter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6533 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6533 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BL6533
BL6533
BL6533
BL6533
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD D
DD
Driver
river
river
river
http://www.belling.com.cn
- 8 -
9/9/2009
Total 10 Pages
Figure 2.
Signal Processing Block Diagram
The low frequency output of the Bl6533 is generated by accumulatingm this real power information.
This low frequency inherently means a long accumulation time between output pulses. The output
frequency is therefore proportional to the average real power. This average real power information can,
in turn, be accumulated (e.g., by a counter) to generate real energy information. Because of its high
output frequency and hence shorter integration time, the CF output is proportional to the instantaneous
real power. This is useful for system calibration purposes that would take place under steady load
conditions.
VOLTAGE CHANNEL INPUT
The output of the line voltage transducer is connected to the BL6533 at this analog input. The maximum
peak signal on Channel 2 is 330mV.
CURRENT CHANNEL INPUT
The voltage outputs from the current transducers are connected to the BL6533 here. The maximum
differential voltage on Current Channel 2 is ±660mV. The maximum common-mode voltage is ±
100mV.
Power Supply Monitor
The BL6533 contains an on-chip power supply monitor. If the supply is less than 4V±5% then the
BL6533 will go in an inactive state, i.e. no energy will be accumulated when the supply voltage is below
4V. This is useful to ensure correct device operation at power up and during power down. The power
supply monitor has built-in hysteresis and filtering. This gives a high degree of immunity to false
triggering due to noisy supplies.
The trigger level is nominally set at 4V, and the tolerance on this trigger level is about ±5%. The power
supply and decoupling for the part should be such that the ripple at VDD does not exceed 5V±5% as
specified for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com