Electronic Components Datasheet Search
  English  ▼

X  

BL8529 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8529
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8529 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8529 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.belling.com.cn
1
3A 1.5MHz 5.5V Synchronous Buck Converter
BL8529
DESCRIPTION
The BL8529 is a high efficiency synchronous, buck
DC/DC converter. Its input voltage range is from
2.6V to 6V and provides an adjustable regulated
output voltage from 0.8V to 5.5V while delivering
up to 3A of output current.
The internal synchronous switches increase
efficiency and eliminate the need for an external
Schottky diode. The switching frequency is set by
an external resistor or can be synchronized to an
external clock. The 100% duty cycle provides low
dropout operation extending battery life in
portable systems.
The BL8529 is operated in PFM/PWM auto-switch
mode which enhance the efficiency at light-load.
The BL8529 is available in the DFN2x2-8L and
DFN3x3-10L package
FEATURES
• Adjustable Output Voltage, Vfb=0.8V
• Maximum output current is 3A
• Range of operation input voltage: Max 6V
• Standby current: 0.5mA (typ.)
• Line regulation: 0.1%/V (typ.)
• Load regulation: 10mV (typ.)
• High efficiency, up to 96%
• Environment Temperature: -20°C~85°C
APPLICATIONS
• Power Management for 3G modem
• 3W LED driver from Li-ion battery
• LCD Monitor and LCD TV
• DVD Decode Board
• ADSL Modem
• Post Regulators for Switching Supplies
TYPICAL APPLICATION
PIN OUT & MARKING
COMP
F
DD
P DD
EN
GND
L
PGND
DFN2x2-8L
BL85
BL85
BL85
BL852
22
29
99
9


Similar Part No. - BL8529

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
More results

Similar Description - BL8529

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
National Semiconductor ...
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com