Electronic Components Datasheet Search
  English  ▼

X  

BL8529 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8529
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8529 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8529 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8529 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
BL8529
ORDERING INFORMATION
Part No.
Package
Tape&Reel
BL8529CKBTR
DFN2x2-8L
3000/Reel
BL8529CKATR
DFN3x3-10L
3000/Reel
A SOLUTE MA IMUM RATING
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature(Tj)
125
°C
Ambient Temperature(Ta)
-20
°C – 85°C
Package Thermal Resistance
DFN2x2-8L
25
°C / W
Storage Temperature(Ts)
-40
°C - 150°C
Lead Temperature & Time
260
°C, 10S
ESD (HBM)
>2000V
Note:
Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Operating Junction Temperature(Tj)
-20
°C –125°C
ELECTRICAL CHARACTERISTICS
(VDD=5V, TA=25
°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
2.6
5.5
V
Vref
Feedback Voltage
0.784
0.8
0.816
V
Ifb
Feedback Leakage current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=0.78, No Switching
450
uA
Shutdown
1
uA
LnReg
Line Regulation
Vin=4V to 5.5V
0.1
%/V
LdReg
Load Regulation
Iout=1 to 3A
0.02
%/A
Gm
EA Transconductance
600
us
Fsoc
Switching Frequency
Ren_=180K
1.35
MHz
RdsonP
PMOS Rdson
150
mohm
RdsonN
NMOS Rdson
130
mohm
Ilimit
Peak Current Limit
3.8
A
Ven_
EN_ Shutdown Voltage
Vin-0.7V
Vin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com