Electronic Components Datasheet Search
  English  ▼

X  

BL8558 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8558
Description  Low noise, fast response 500mA LDO regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8558 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8558 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.belling.com.cn
- 1-
8/16/2006
Total 10 Pages
Low noise, fast response 500mA LDO regulator
BL8558
General Description:
:
:
:
BL8558 series is a group of positive
voltage output, low power consumption,
low dropout voltage regulator.
BL8558 can provide output value in the
range of 1.2V~4.5V every 0.1V step. It
also can be customized on command.
BL8558 includes high accuracy voltage
reference, error amplifier, current limit
circuit and output driver module with
discharge capability.
BL8558 has excellent load and line
transient response and good temperature
characteristics, which can assure the
stability of chip and power system. And it
uses trimming technique to guarantee
output voltage accuracy within±2%.
BL8558 is available in SOT-23-5,
SOT89-3, SOT23-3, TO92 packages
which are lead free.
Features:
:
:
:
• Low Power Consumption: 75uA(Typ.)
• Low output noise (47uVRMS)
• Standby Mode: 0.1uA
• Low dropout Voltage: 0.46V@500mA (Typ.)
• High Ripple Rejection: 66dB@100Hz (Typ.)
• Low Temperature Coefficient: ±100ppm/°C
• Excellent Line regulation: 0.05%/V
• Build-in chip enable and discharge circuit
• Output Voltage Range: 1.2V~4.5V
(customized on command every 0.1V step)
• Highly Accurate: ±2% (±1% customized)
• Output Current Limit
Applications:
:
:
:
• Power source for cellular phones and
various kind of PCSs
• Battery Powered equipment
• Power Management of MP3, PDA, DSC,
Mouse, PS2 Games
• Reference Voltage Source
• Regulation after Switching Power
BL8558 Typical Application Circuit
BL8558 Typical Performance
Characteristics:
:
:
:
BL8558
BL8558-2.8V Output
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
200
400
600
Iload(mA)


Similar Part No. - BL8558

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CA BELLING-BL8550-18CA Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CB BELLING-BL8550-18CB Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CC BELLING-BL8550-18CC Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18PA BELLING-BL8550-18PA Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
More results

Similar Description - BL8558

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
Low noise, fast response 500mA LDO regulator
VER 1.4
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com