Electronic Components Datasheet Search
  English  ▼

X  

BL8558 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8558
Description  Low noise, fast response 500mA LDO regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8558 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8558 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8558 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
http://www.belling.com.cn
- 2-
8/16/2006
Total 10 Pages
BL8558
Pin Assignment:
:
:
:
BL8558-XXPSA
BL8558-XXPSB
BL8558-XXPRM
BL8558-XXPRN
BL8558-XXPT
BL8558-XXPRC
Selection Guide:
:
:
:
BL8558-XX X X
Package Type:
SA:SOT-89-3
SB:SOT-89-3
RM:SOT-23-3
RN:SOT-23-5 A type Pin assignment
RC:SOT-23-5 C type Pin assignment
T: TO-92
Features:
P:Standard(defualt、lead free)
C:Customized
Output Voltage:
12……1.2V
15……1.5V
28……2.8V
30……3.0V
35……3.5V
……
45……4.5V
A type
C type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com