Electronic Components Datasheet Search
  English  ▼

X  

BL8591 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8591
Description  100mA High PSRR, Fast Response Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8591 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8591 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.belling.com.cn
4
BL8591
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
Vout
T
Vout
⋅
∆
∆
Output Voltage
Temperature
Coefficiency
Iout=30mA
±100
ppm/
°C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Ilim
Short Current Limit
Vout=0V
200
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Ω
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
NOTE1:
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=100mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.
BLOCK DIAGRAM
Explanation
BL8591 series is a group of positive voltage output, low noise, low power consumption, low
dropout voltage regulator.
BL8591 can provide output value in the range of 1.2V~4.5V every 0.1V step. It also can be
customized on command.
BL8591 includes high accuracy voltage reference, error amplifier, current limit circuit and output
driver module.
BL8591 has excellent load and line transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to
guarantee output voltage accuracy within±2%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com