Electronic Components Datasheet Search
  English  ▼

X  

BL8591 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8591
Description  100mA High PSRR, Fast Response Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8591 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8591 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8591 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.belling.com.cn
1
100mA High PSRR, Fast Response Linear Regulator
BL8591
DESCRIPTION
BL8591 series is a group of positive voltage
output, low power consumption, low dropout
voltage regulator.
BL8591 can provide output value in the range
of 1.2V~4.5V every 0.1V step. It also can be
customized on command.
BL8591
includes
high
accuracy
voltage
reference, error amplifier, current limit circuit
and output driver module with discharge
capability.
BL8591 has excellent load and line transient
response
and
good
temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming
technique
to
guarantee
output
voltage accuracy within ±2%.
BL8591 is available in SOT23-3, SOT23-5,
SOT89-3, SOT89-5 and TO92 packages
which are lead free. It also can available in
these packages with lead.
FEATURES
• Low Power Consumption: 75uA(Typ.)
• Low Output Noise (47uVRMS)
• Standby Mode: 0.1uA
• Low Dropout Voltage: 0.1V@100mA
(Typ.)
• High Ripple Rejection: 66dB@100Hz
(Typ.)
• Low Temperature Coefficient: ±
100ppm/
°C
• Excellent Line Regulation: 0.05%/V
• Build-in Chip Enable and Discharge
Circuit
• Output Voltage Range: 1.2V~4.5V
(Customized on command every 0.1V
step)
• Highly Accurate: ±2% (±1% customized)
• Output Current Limit
APPLICATIONS
• Power Source for cellular phones and
various kind of PCSs
• Battery Powered equipment
• Power Management of MP3, PDA, DSC,
Mouse, PS2 Games
• Reference Voltage Source
• Regulation after Switching Power
TYPICAL APPLICATION
NOTE: Input capacitor (Cin=1uF) and Output
capacitor (Cout=1uF/2.2uF) are
recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
BL
BL
BL
BL8591
8591
8591
8591
LC1458CB5TR28 Output
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
100
200
300
400
500
600
Iload(mA)
BL8591


Similar Part No. - BL8591

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
P-Channel MOSFET with 0.12V Schottky Diode
BL8595 BELLING-BL8595 Datasheet
537Kb / 5P
18V-1A PNP with N-MOSFET CHARGE IC
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
LDO mode OVP with Integrated P-MOSFET
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
More results

Similar Description - BL8591

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8068 BELLING-BL8068 Datasheet
919Kb / 6P
700mA High PSRR, Low Noise, Fast Response Linear Regulator
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
ACE Technology Co., LTD...
ACE515C ACE-ACE515C_14 Datasheet
676Kb / 10P
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com