Electronic Components Datasheet Search
  English  ▼

X  

BL9180 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL9180
Description  Dual,300mA Ultra-low Noise
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9180 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9180 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
PPMIC BU
www.belling.com.cn
BL9180 Rev 2.1
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
8/2010
©2010 Belling All Rights Reserved
13
BL9180
Dual,
Dual,
Dual,
Dual,3
3
3
300mA Ultra
00mA Ultra
00mA Ultra
00mA Ultra-
-
-
-low Noise
low Noise
low Noise
low Noise
CMOS LDO Regulator
CMOS LDO Regulator
CMOS LDO Regulator
CMOS LDO Regulator
ESOP-8
Dimensions In Millimeters
Symbol
Min
NOM
Max
A
1.77
A1
0.08
0.18
0.28
A2
1.2
1.4
1.6
A3
0.55
0.65
0.75
b
0.39
0.48
b 1
0.38
0.41
0.43
c
0.21
0.26
c 1
0.19
0.2
0.21
D
4.7
4.9
5.1
E
5.8
6
6.2
E1
3.7
3.9
4.1
e
1.27BSC
L
0.5
0.65
0.8
L1
1.05BSC
Θ
0
8°
D1
3.30REF
E2
2.40REF
ESOP-8 Surface Mount Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com