Electronic Components Datasheet Search
  English  ▼

X  

BL9180 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9180
Description  Dual,300mA Ultra-low Noise
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9180 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9180 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9180 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PPMIC BU
www.belling.com.cn
BL9180 Rev 2.1
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
8/2010
©2010 Belling All Rights Reserved
2
BL9180
Dual,
Dual,
Dual,
Dual,3
3
3
300mA Ultra
00mA Ultra
00mA Ultra
00mA Ultra-
-
-
-low Noise
low Noise
low Noise
low Noise
CMOS LDO Regulator
CMOS LDO Regulator
CMOS LDO Regulator
CMOS LDO Regulator
Absolute Maximum Rating
(Note 1)
Input Supply Voltage (VIN)
-0.3V to +7V
EN Input Voltage
-0.3V to +VIN
Output Voltage
-0.3V to VIN+0.3V
Output Current
400mA
Maximum Junction Temperature
125°C
Operating Temperature Range
(Note2)
-40°C to 85°C
Storage Temperature Range
-65°C to 125°C
Lead Temperature (Soldering, 10s)
300°C
Package Information
Pin Description
Name
Function
VOUT1
LDO1 Output Pin
VDD
Input Pin
VOUT2
LDO2 Output Pin
EN2
LDO2 Enable Pin
GND
Ground Pin
EN1
LDO1 Enable Pin1
VIN1
Input Pin1
VIN2
Input Pin2
Y
9
A
B
C
D
Year
2009
2010
2011
2012
2013
W
1
…
25
26
27
…
51
52
Week
A
…
Y
Z
a
…
y
z
Product Classification
Output
Voltage
Voltage
Code
Accuracy
Package
Type
Product
Name
Package
Type
Product
Name
Package
Type
Product
Name
1.3V/2.8V
A
±2%
SOT-23-6A
BL9180-ABPRA
SOT-23-6B
BL9180-ABPRB
ESOP-8
BL9180-ABPEP
1.5V/3.0V
B
±2%
SOT-23-6A
BL9180-BBPRA
SOT-23-6B
BL9180-BBPRB
ESOP-8
BL9180-BBPEP
1.8V/2.5V
C
±2%
SOT-23-6A
BL9180-CBPRA
SOT-23-6B
BL9180-CBPRB
ESOP-8
BL9180-CBPEP
1.8V/2.8V
D
±2%
SOT-23-6A
BL9180-DBPRA
SOT-23-6B
BL9180-DBPRB
ESOP-8
BL9180-DBPEP
2.5V/1.8V
E
±2%
SOT-23-6A
BL9180-EBPRA
SOT-23-6B
BL9180-EBPRB
ESOP-8
BL9180-EBPEP
1
2
3
6
4
SOT
SOT
SOT
SOT----23
23
23
23----6
6
6
6A
A
A
A
TOP VIEW
TOP VIEW
TOP VIEW
TOP VIEW
5
VOUT
VOUT
VOUT
VOUT1
1
1
1
VDD
VDD
VDD
VDD
VOUT
VOUT
VOUT
VOUT2
2
2
2
EN
EN
EN
EN1
1
1
1
GND
GND
GND
GND
EN
EN
EN
EN2
2
2
2
1
2
3
6
4
SOT
SOT
SOT
SOT----23
23
23
23----6
6
6
6B
B
B
B
TOP VIEW
TOP VIEW
TOP VIEW
TOP VIEW
5
VOUT
VOUT
VOUT
VOUT1
1
1
1
GND
GND
GND
GND
VOUT
VOUT
VOUT
VOUT2
2
2
2
EN
EN
EN
EN1
1
1
1
VDD
VDD
VDD
VDD
EN
EN
EN
EN2
2
2
2
1
2
3
8
6
ESOP
ESOP
ESOP
ESOP----8
8
8
8
TOP VIEW
TOP VIEW
TOP VIEW
TOP VIEW
7
EN
EN
EN
EN1
1
1
1
GND
GND
GND
GND
EN
EN
EN
EN2
2
2
2
VOUT
VOUT
VOUT
VOUT1
1
1
1
VIN
VIN
VIN
VIN1
1
1
1
VOUT
VOUT
VOUT
VOUT2
2
2
2
4
5
VIN
VIN
VIN
VIN2
2
2
2
GND
GND
GND
GND
Part Number
Top Mark
Temp Range
BL9180-XXXRA
EVYW
(Note3)
-40°C to +85°C
BL9180-XXXRB
EVYW
-40°C to +85°C
BL9180-XXXEP
BL9180
VYWEP
(Note3)
-40°C to +85°C
Thermal Resistance
(Note 4):
Package
ӨJA
ӨJC
SOT23-6
250
°C/W
130°C/W
ESOP-8
50
°C/W
10
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com