Electronic Components Datasheet Search
  English  ▼

X  

BL8063 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8063
Description  300mA High PSRR, Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8063 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8063 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.belling.com.cn
1
300mA High PSRR, Linear Regulator
BL8063
DESCRIPTION
BL8063 series is a group of positive voltage
output, low power consumption, low dropout
voltage regulator.
BL8063 can provide output value in the range
of 1.0V~4.4V every 0.1V step. It also can be
customized on command.
BL8063
includes
high
accuracy
voltage
reference, error amplifier, current limit circuit
and output driver module.
BL8063 has excellent load and line transient
response and good temperature characteristics,
which can assure the stability of chip and
power
system.
And
it
uses
trimming
technique
to
guarantee
output
voltage
accuracy within ±2%.
BL8063 is available in SOT-23-5, SC-70-5
and DFN1x1-4 packages which is lead free.
FEATURES
 Low Power Consumption: 25uA(Typ.)
 Low output noise (47uVRMS)
 Standby Mode: 0.1uA
 Low dropout Voltage: 360mV@300mA (Typ.)
 High Ripple Rejection:74dB@100Hz (Typ.)
 Low Temperature Coefficient: ±100ppm/C
 Excellent Line regulation: 0.05%/V
 Build-in chip enable circuit
 Output Voltage Range: 1.0V~4.4V
(customized on command every 0.1V step)
 Highly Accurate: ±2%
 Output Current Limit
APPLICATIONS
 Power source for cellular phones and
various kind of PCSs
 Battery Powered equipment
 Power Management of MP3, PDA, DSC,
Mouse, PS2 Games
 Reference Voltage Source
 Regulation after Switching Power
TYPICAL APPLICATION
NOTE: Input capacitor (Cin=1uF) and Output
capacitor (Cout=1uF) are recommended in all
application circuit.
ELECTRICAL CHARACTERISTICS
BL8063


Similar Part No. - BL8063

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8063CA5TR15 BELLING-BL8063CA5TR15 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8063CA5TR18 BELLING-BL8063CA5TR18 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8063CA5TR44 BELLING-BL8063CA5TR44 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8063CB3TR15 BELLING-BL8063CB3TR15 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8063CB3TR18 BELLING-BL8063CB3TR18 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
More results

Similar Description - BL8063

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com