Electronic Components Datasheet Search
  English  ▼

X  

BL8063 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8063
Description  300mA High PSRR, Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8063 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8063 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8063 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.belling.com.cn
2
BL8063
ORDERING INFORMATION
BL8063
□
1
□
2
□
3
□
4
Code
Description
□
1
Temperature&Rohs:
C:-40~85
C ,Pb Free Rohs Std.
□
2
Package type:
A5:SC-70-5
B5:SOT-23-5
KE:DFN1x1-4
□
3
Packing type:
TR:Tape&Reel (Standard)
□
4
Output voltage:
e.g. 15=1.5V
18=1.8V
44=4.4V
MARKING DESCRIPTON
JD
: Product Code
X: Output Voltage Code (for SC70-5,SOT23-5)
Vout
Code
Vout
Code
Vout
Code
1.0V
0
2.3V
3
3.6V
6
1.1V
1
2.4V
4
3.7V
7
1.2V
2
2.5V
5
3.8V
8
1.3V
3
2.6V
6
3.9V
9
1.4V
4
2.7V
7
4.0V
0
1.5V
5
2.8V
8
4.1V
1
1.6V
6
2.9V
9
4.2V
2
1.7V
7
3.0V
0
4.3V
3
1.8V
8
3.1V
1
4.4V
4
1.9V
9
3.2V
2
4.5V
5
2.0V
0
3.3V
3
2.1V
1
3.4V
4
2.2V
2
3.5V
5
XX: Output Voltage (for DFN1X1-4).
”18”stands for
1.8V,
”28” stands for 2.8V,and “28” stands for
2.85V.
Y: The Year of manufacturing,
”7” stands for year
2007,
”8” stands for year 2008,and “ 0 ” stands for
year 2010.
W: The week of manufacturing.
”A” stands for
week 1,
”Z” stands for week 26,” A ” stands for
week 27,
” Z ” stands for week 52.
PIN CONFIGURATION
Product Classification
BL8063CA5TR□□
JD: Product Code
X: Output Voltage
YW: Date Code
Product Classification
BL8063CB5TR□□
JD: Product Code
X: Output Voltage
YW: Date Code
Product Classification
BL8063CKETR□□
XX: Output Voltage
Vss
Ground Pin
Vin
Supply Voltage Input
Vout
Output Voltage
CE
Chip Enable
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com