Electronic Components Datasheet Search
  English  ▼

X  

BL8068 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8068
Description  700mA High PSRR, Low Noise, Fast Response Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8068 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8068 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
上海贝岭股份有限公司
www.belling.com.cn
1
BL8068
700mA High PSRR, Low Noise, Fast Response Linear Regulator
DESCRIPTION
BL8068 series is a group of positive voltage output,
low power consumption, low dropout voltage
regulator.
BL8068 can provide output value in the range of
1.2V~4.5V every 0.1V step. It also can be customized
on command.
BL8068 includes high accuracy voltage reference,
error amplifier, current limit circuit and output driver
module with discharge capability.
BL8068 has excellent load and line transient response
and good temperature characteristics, which can
assure the stability of chip and power system. And it
uses trimming technique to guarantee output voltage
accuracy within ±2%.
BL8068 is available in SOT-23-5, SC-70-5 packages
which is lead free.
FEATURES
Low Power Consumption: 30uA(Typ.)
•
Low output noise (50uVRMS)
•
Standby Mode: 0.1uA
•
Low dropout Voltage: 0.08V@150mA (Typ.)
•
High Ripple Rejection: 72dB@1000Hz (Typ.)
•
Low Temperature Coefficient: ±100ppm/
•
oC
Excellent Line regulation: 0.05%/V
•
Build-in chip enable and discharge circuit
•
Output Voltage Range: 1.2V~4.5V (customized on
•
command every 0.1V step)
Highly Accurate: ±2%
•
Output Current Limit
•
APPLICATIONS
Power source for cellular phones and various kind
•
of PCSs
Battery Powered equipment
•
Power Management of MP3, PDA, DSC, Mouse,
•
PS2 Games
Reference Voltage Source
•
Regulation after Switching Power
•
TYPICAL APPLICATION CIRCUIT
NOTE: Input capacitor (Cin=1uF) and Output capacitor
(Cout≥1uF) are recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
Load Regulation (Vin=4.5V, Vout=3.3V)
BL8068


Similar Part No. - BL8068

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8062CB3BTR121 BELLING-BL8062CB3BTR121 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8062CB3BTR151 BELLING-BL8062CB3BTR151 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
More results

Similar Description - BL8068

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
ACE Technology Co., LTD...
ACE515C ACE-ACE515C_14 Datasheet
676Kb / 10P
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8806 UPI-UP8806 Datasheet
229Kb / 21P
Ultra Low Noise, Fast Response, High PSRR
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com