Electronic Components Datasheet Search
  English  ▼

X  

BL8068 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8068
Description  700mA High PSRR, Low Noise, Fast Response Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8068 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8068 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8068 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
上海贝岭股份有限公司
www.belling.com.cn
2
BL8068
ORDERING INFORMATION
BL8068 
Code
Description
Temperature&Rohs:
C: -40~85oC ,Pb Free Rohs Std.
Package type:
A5: SC-70-5
B5A: SOT-23-5(A)
B5B: SOT-23-5(B)
Packing type:
TR:Tape&Reel (Standard)
Output voltage:
e.g. 15=1.5V
18=1.8V
45=4.5V
Voltage accuracy:
Blank(default)=±2%
MARKING DESCRIPTION
F: Product Code
X: Output Voltage
Vout
Code
Vout
Code
Vout
Code
2.6V
6
4.1V
1
1.2V
2
2.7V
7
4.2V
2
1.3V
3
2.8V
8
4.3V
3
1.4V
4
2.9V
9
4.4V
4
1.5V
5
3.0V
0
4.5V
5
1.6V
6
3.1V
1
1.7V
7
3.2V
2
1.8V
8
3.3V
3
1.9V
9
3.4V
4
2.0V
0
3.5V
5
2.1V
1
3.6V
6
2.2V
2
3.7V
7
2.3V
3
3.8V
8
2.4V
4
3.9V
9
2.5V
5
4.0V
0
Date code 1st Z: The year of manufacturing, "8" for
year 2008, and "0" for year 2010.
Date code 2nd Z: The week of manufacturing, "A" for
week 1, "Z" for week 26, "A" for week 27, "Z" for week
52.
PIN CONFIGURATION
Part No.
BL8068CA5TR□□□
Marking
XZZ
F
F: product
code
X: output
voltage
ZZ: date code
Part No.
BL8068CB5ATR□□□
Marking
XZZ
F
F: product
code
X: output
voltage
ZZ: date code
Part No.
BL8068CB5BTR□□□
Marking
XZZI
F
F: product
code
X: output
voltage
ZZ: date code
| : Type B
PIN DESCRIPTION
Pin
Description
Vss
Gound
Vin
Input voltage supply
Vout
Output voltage
CE
Chip enable
NC
No connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com