Electronic Components Datasheet Search
  English  ▼

X  

BL8069 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8069
Description  600mA High PSRR, Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8069 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8069 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
600mA High PSRR, Low Dropout Voltage Linear Regulator
REV1.0-Revised DEC 2007
BL8069
DESCRIPTION
BL8069 series is a group of positive voltage
output, low noise,low power consumption, low
dropout voltage regulator.
BL8069 can provide output value in the range
of 1.5V~4.5V every 0.1V step. It also can be
customized on command.
BL8069
includes
high
accuracy
voltage
reference, error amplifier, current limit circuit
and output driver module with discharge
capability.
BL8069 has excellent load and line transient
response
and
good
temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming
technique
to
guarantee
output
voltage accuracy within ±2%.
BL8069 is available in SOT-89-3 packages
which is lead free.
FEATURES
 Low Power Consumption: 20uA(Typ.)
 Low output noise (47uVRMS)
 Low dropout Voltage: 0.16V@300mA
(Typ.)
 High Ripple Rejection: 73dB@100Hz
(Typ.)
 Low
Temperature
Coefficient:
±
100ppm/
C
 Excellent Line regulation: 0.05%/V
 Build-in chip enable and discharge circuit
 Output
Voltage
Range:
1.5V~4.5V
(customized on command every 0.1V
step)
 Highly Accurate: ±2%
 Output Current Limit
APPLICATIONS
 Power Management for Computer,Mother
Board, Graphic Card
 LCD Monitor and LCD TV
 DVD Decode Board
 Reference Voltage Source
 Regulation after Switching Power
TYPICAL APPLICATION
NOTE: Input capacitor (Cin=1uF) and Output
capacitor (Cout=3.3uF/4.7uF) are
recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
Load Regulation
(VIN=4.5V)
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
0
50
100
150
200
250
300
350
Iout(mA)
BL8069


Similar Part No. - BL8069

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8062CB3BTR121 BELLING-BL8062CB3BTR121 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8062CB3BTR151 BELLING-BL8062CB3BTR151 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
More results

Similar Description - BL8069

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
600mA High PSRR Low Dropout Linear Regulator
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com