Electronic Components Datasheet Search
  English  ▼

X  

BL8069 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8069
Description  600mA High PSRR, Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8069 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8069 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8069 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8069
ORDERING INFORMATION
BL8069
□
1
□
2
□
3
□
4
□
5
Code
Description
□
1
Temperature&Rohs:
C:-40~85
C ,Pb Free Rohs Std.
□
2
Package type:
C3A:SOT-89-3(A)
C3B:SOT-89-3(B)
C3C:SOT-89-3(C)
□
3
Packing type:
TR:Tape&Reel (Standard)
□
4
Output voltage:
e.g. 15=1.5V
18=1.8V
45=4.5V
□
5
Voltage accuracy:
Blank(default)=±2%
MARKING DESCRIPTON
AD
: Product Code
XX: Output Voltage
Vout
Code
Vout
Code
Vout
Code
2.5V
25
3.8V
38
2.6V
26
3.9V
39
2.7V
27
4.0V
40
1.5V
15
2.8V
28
4.1V
41
1.6V
16
2.9V
29
4.2V
42
1.7V
17
3.0V
30
4.3V
43
1.8V
18
3.1V
31
4.4V
44
1.9V
19
3.2V
32
4.5V
45
2.0V
20
3.3V
33
2.1V
21
3.4V
34
2.2V
22
3.5V
35
2.3V
23
3.6V
36
2.4V
24
3.7V
37
YY:LOT NO.
Z: The Year of manufacturing,
”7” stands for year
2007,
”8” stands for year 2008,and “ 0 ” stands for
year 2010.
Z: The week of manufacturing.
”A” stands for
week 1,
”Z” stands for week 26,” A ” stands for
week 27,
” Z ” stands for week 52.
PIN CONFIGURATION
Product Classification
BL8069CC3ATR□□□
Marking
ADXXA
YYBZZ
AD:Product
Code
XX: Output
Voltage
A:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Product Classification
BL8069CC3BTR□□□
Marking
ADXXB
YYBZZ
AD:Product
Code
XX: Output
Voltage
B:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Product Classification
BL8069CC3CTR□□□
Marking
ADXXC
YYBZZ
AD:Product
Code
XX: Output
Voltage
C:Package
YY:Lot No.
B:Fab
Code
ZZ:Data
Code
Vss
Ground Pin
Vin
Supply Voltage Input
Vout
Output Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com