Electronic Components Datasheet Search
  English  ▼

X  

BL8565 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8565
Description  500mA High PSRR, Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8565 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8565 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
500mA High PSRR, Low Dropout Voltage Linear Regulator
REV1.0-Revised DEC 2007
BL8565
DESCRIPTION
BL8565 series is a group of positive voltage
output, low noise,low power consumption, low
dropout voltage regulator.
BL8565 can provide output value in the range
of 1.5V~4.5V every 0.1V step. It also can be
customized on command.
BL8565
includes
high
accuracy
voltage
reference, error amplifier, current limit circuit
and output driver module with discharge
capability.
BL8565 has excellent load and line transient
response
and
good
temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming
technique
to
guarantee
output
voltage accuracy within ±2%.
BL8565 is available in SOT-89-3 packages
which is lead free.
FEATURES
• Low Power Consumption: 20uA(Typ.)
• Low output noise (47uVRMS)
• Low dropout Voltage: 0.16V@300mA
(Typ.)
• High Ripple Rejection: 73dB@100Hz
(Typ.)
• Low
Temperature
Coefficient:
±
100ppm/
°C
• Excellent Line regulation: 0.05%/V
• Build-in chip enable and discharge circuit
• Output
Voltage
Range:
1.5V~4.5V
(customized on command every 0.1V
step)
• Highly Accurate: ±2%
• Output Current Limit
APPLICATIONS
• Power Management for Computer,Mother
Board, Graphic Card
• LCD Monitor and LCD TV
• DVD Decode Board
• Reference Voltage Source
• Regulation after Switching Power
TYPICAL APPLICATION
NOTE: Input capacitor (Cin=1uF) and Output
capacitor (Cout=3.3uF/4.7uF) are
recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
Load Regulation
(VIN=4.5V)
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
0
50
100
150
200
250
300
350
Iout(mA)
BL8565


Similar Part No. - BL8565

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-ACRC BELLING-BL8560-ACRC Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-ACRD BELLING-BL8560-ACRD Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-APRC BELLING-BL8560-APRC Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-APRD BELLING-BL8560-APRD Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
More results

Similar Description - BL8565

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
300/500mA Low Dropout Linear Voltage Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
500mA High PSRR, Linear Regulator
VER 1.2
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com