Electronic Components Datasheet Search
  English  ▼

X  

BL8565 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8565
Description  500mA High PSRR, Low Dropout Voltage Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8565 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8565 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8565 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8565
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Operating Junction Temperature(Tj)
125
°C
Output Current
500mA
Ambient Temperature(Ta)
-40
°C –85°C
Power
Dissipation
SOT-89-3
500mW
Storage Temperature(Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C,10S
Note:
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED WORK CONDITIONS
Item
Min
Recommended
Max.
Unit
Input Voltage Range
6
V
Ambient Temperature
-40
85
°C
ELECTRICAL CHARACTERISTICS
(Test Conditions: Cin=1uF,Cout=3.3uF,TA=25
°C, unless otherwise specified. )
BL8565, For Arbitrary Output Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
6
V
Vout
Output Voltage
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout1
Vout
X1.02
V
Iout (Max.)
Maximun Output
Current
Vin-Vout=1V
500
mA
Vdrop
1
Dropout
Voltage,Vout≥2.8V
Iout=100mA
50
80
mV
Iout=300mA
160
220
mV
Vout
Vin
Vout
⋅
∆
∆
Line Regulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
Vout
∆
/
Iout
∆
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤300mA
30
50
mV
Iss
Supply Current
Vin=Set Vout+1V
20
30
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
Vout
T
Vout
⋅
∆
∆
Output Voltage
Temperature
Coefficiency
Iout=30mA
±100
ppm/
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com