Electronic Components Datasheet Search
  English  ▼

X  

BL8569 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8569
Description  Dual 500mA High PSRR Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8569 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8569 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8569 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
Dual 500mA High PSRR Linear Regulator
BL8569
DESCRIPTION
BL8569 dual,low-noise,low-dropout regulator
delivers at least 500mA of continuous output
current. The output voltage for each regulator
is set independently by trimming.Voltages are
selectable in 100mV steps within a range of
1.2V to 4.5V. The BL8569 includes two
independent logic-controlled shutdown inputs
and allows the output of each regulator to be
turned of independently.
BL8569
includes
high
accuracy
voltage
reference, error amplifier, current limit circuit
and output driver module.
BL8569 has excellent load and line transient
response
and
good
temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming
technique
to
guarantee
output
voltage accuracy within±2%.
BL8569 is available in SOT-23-6 package
which is lead(Pb)- free
FEATURES
• Two low dropout voltage regulators
• 500mA output current for each LDO
• Low output noise (50uVRMS)
• Low dropout Voltage:0.08V@150mA(Typ)
• Standby Mode: 0.1uA
• High Ripple Rijection:72dB@1000Hz (Typ)
• Excellent Line regulation: 0.05%/V
• Independent Shutdown controls
• 1.2V to 4.5V Factory-Preset Output
• Output Current Limit
• Highly Accurate: ±2%
APPLICATIONS
• Cellular phones
• Cordless phones and radio
communication equipment
• Battery Powered equipment
• Notebook and hand-hold equipment
• Wireless LAN
• GPS receivers
TYPICAL APPLICATION
APPLICATION HINTS
NOTE:
Input capacitor (Cin=1uF) and Output
capacitor (Cout=1uF/3.3uF) are
recommended in all application circuit.
ELECTRICAL CHARACTERISTICS
PSRR
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Freq(KHz)
Vout=3.3V


Similar Part No. - BL8569

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-ACRC BELLING-BL8560-ACRC Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-ACRD BELLING-BL8560-ACRD Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-APRC BELLING-BL8560-APRC Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
BL8560-APRD BELLING-BL8560-APRD Datasheet
1Mb / 10P
Dual,Low noise, 150mA LDO regulator
More results

Similar Description - BL8569

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
logo
Monolithic Power System...
MP6402 MPS-MP6402 Datasheet
382Kb / 15P
Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
500mA High PSRR, Linear Regulator
VER 1.2
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
500mA High PSRR, Linear Regulator, w. Output Discharge
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com